Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMIR Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # ASMIR
Description  Motive format alignment AccuDrive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

ASMIR Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  ASMIR Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG ASMIR Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.baumer.com/motion
Components
1
ASMIR with N 153
Features
– Brushless industrial power tool
– With integrated rotation speed electronics
– Torque <12 Nm (breakaway torque)
– Communication via infrared interface
Technical data - power tool
Operating speed
≤90 rpm (highspeed)
≤12 rpm (slowspeed)
Torque
<12 Nm (breakaway torque)
Tool fitting
Hexagon socket 1/4"
Interface
Infrared
Transmission range
Max. 100 mm
Transmission angle
Max. 60°
Protection DIN EN 60529 IP 20
Operating temperature
-10...+50 °C
Weight approx.
1400 g
Material
Housing: plastic, blue RAL 5002
ASMIR
Power tool with infrared interface
Motive format alignment AccuDrive
Technical data - batterie pack
Voltage supply
12 VDC
Battery type
NiMH
Battery capacity
2000 mAh
Weight approx.
550 g
Technical data - charger
Voltage supply
230 VAC (ASMIR.A01)
110 VAC (ASMIR.A02)
Power frequency
50 / 60 Hz
Power consumption
100 W
Battery type
NiMH
Charge current
≤5000 mAh
Duration of charge
20...60 min
Ambient temperature
0...+45 °C
Weight approx.
700 g


Similar Part No. - ASMIR

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASM ABRACON-ASM Datasheet
528Kb / 1P
CRYSTAL CLOCK OSCILLATORS
logo
TALEMA Group. LLC
ASM-010 TALEMA-ASM-010 Datasheet
47Kb / 1P
Current Sensor for 50/60 Hz
logo
Astrodyne Corporation
ASM-0100 ASTRODYNE-ASM-0100 Datasheet
735Kb / 3P
10W Ultraminiature Medical Grade Switching Power Supplies
ASM-0100 ASTRODYNE-ASM-0100 Datasheet
702Kb / 3P
10W Ultraminiature Medical Grade Switching Power Supplies
ASM-0101 ASTRODYNE-ASM-0101 Datasheet
735Kb / 3P
10W Ultraminiature Medical Grade Switching Power Supplies
More results

Similar Description - ASMIR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1PK-A001 ETC2-1PK-A001 Datasheet
88Kb / 1P
Alignment Drivers
logo
Tyco Electronics
WP-040040-25-9 MACOM-WP-040040-25-9 Datasheet
2Mb / 48P
Label format - Old format order code cross reference
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
Output Data Format
07/14/15
logo
Molex Electronics Ltd.
1061009000 MOLEX1-1061009000 Datasheet
43Kb / 1P
EMI Multi-format (LC-LC/MU/LX.5) Adapter, Angled, Duplex, Metal Body, Ceramic Alignment Sleeve
logo
ILLUMINANT CO., LTD
IB1206N-6FWL-217 ILLUMINANT-IB1206N-6FWL-217 Datasheet
51Kb / 1P
Display Format: 128X64
IG0903N-6FBD-183 ILLUMINANT-IG0903N-6FBD-183 Datasheet
54Kb / 1P
Display Format: 96X32
logo
SICK AG
BEF-1SHABRST2 SICK-BEF-1SHABRST2 Datasheet
408Kb / 3P
Alignment brackets
BEF-1SHABAAL4 SICK-BEF-1SHABAAL4 Datasheet
409Kb / 4P
Alignment brackets
BEF-1SHABPKU4 SICK-BEF-1SHABPKU4 Datasheet
362Kb / 3P
Alignment brackets
logo
AverLogic Technologies ...
AL360A AVERLOGIC-AL360A Datasheet
2Mb / 25P
Video Format Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com