Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W632GG8KB Datasheet(PDF) 21 Page - Winbond

Part # W632GG8KB
Description  32M X 8 BANKS X 8 BIT DDR3 SDRAM
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W632GG8KB Datasheet(HTML) 21 Page - Winbond

Back Button W632GG8KB Datasheet HTML 17Page - Winbond W632GG8KB Datasheet HTML 18Page - Winbond W632GG8KB Datasheet HTML 19Page - Winbond W632GG8KB Datasheet HTML 20Page - Winbond W632GG8KB Datasheet HTML 21Page - Winbond W632GG8KB Datasheet HTML 22Page - Winbond W632GG8KB Datasheet HTML 23Page - Winbond W632GG8KB Datasheet HTML 24Page - Winbond W632GG8KB Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 159 page
background image
W632GG8KB
Publication Release Date: Jul. 28, 2014
Revision: A04
- 21 -
8.3.2.6
Output Disable
The DDR3 SDRAM outputs may be enabled/disabled by MR1 (bit A12) as shown in Figure 6. When
this feature is enabled (A12 = 1), all output pins (DQs, DQS, DQS#, etc.) are disconnected from the
device, thus removing any loading of the output drivers. This feature may be useful when measuring
module power, for
example. For normal operation, A12 should be set to ‘0’.
8.3.2.7
TDQS, TDQS#
TDQS (Termination Data Strobe) provides additional termination resistance outputs that may be useful
in some system configurations. When enabled via the mode register, the same termination resistance
function is applied to the TDQS/TDQS# pins that is applied to the DQS/DQS# pins.
In contrast to the RDQS function of DDR2 SDRAM, TDQS provides the termination resistance function
only. The data strobe function of RDQS is not provided by TDQS.
The TDQS and DM functions share the same pin. When the TDQS function is enabled via the mode
register, the DM function is not supported. When the TDQS function is disabled, the DM function is
provided and the TDQS# pin is not used. See Table 3 for details.
Table 3
– TDQS, TDQS# Function Matrix
MR1 (A11)
DM / TDQS
NU / TDQS#
0 (TDQS Disabled)
DM
Hi-Z
1 (TDQS Enabled)
TDQS
TDQS#
Notes:
1. If TDQS is enabled, the DM function is disabled.
2. When not used, TDQS function can be disabled to save termination power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com