Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7129CPL Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICL7129CPL
Description  41/2 Digit LCD, Single-Chip A/D Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7129CPL Datasheet(HTML) 3 Page - Intersil Corporation

  ICL7129CPL Datasheet HTML 1Page - Intersil Corporation ICL7129CPL Datasheet HTML 2Page - Intersil Corporation ICL7129CPL Datasheet HTML 3Page - Intersil Corporation ICL7129CPL Datasheet HTML 4Page - Intersil Corporation ICL7129CPL Datasheet HTML 5Page - Intersil Corporation ICL7129CPL Datasheet HTML 6Page - Intersil Corporation ICL7129CPL Datasheet HTML 7Page - Intersil Corporation ICL7129CPL Datasheet HTML 8Page - Intersil Corporation ICL7129CPL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3-33
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V
Reference Voltage (REF HI or REF LO). . . . . . . . . . . . . . . . V+ to V-
Input Voltage (Note 1), IN HI or IN LO . . . . . . . . . . . . . . . . . V+ to V-
VDISP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .DGND -0.3V to V+
Digital Input Pins
1, 2, 19, 20, 21, 22, 27, 37, 38, 39, 40 . . . . . . . . . . . . . DGND to V+
Thermal Resistance (Typical, Note 2)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
50
MQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
80
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(MQFP - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Input voltages may exceed the supply voltages provided that input current is limited to 1400mA. Currents above this value may result in
valid display readings but will not destroy the device if limited to
±1mA.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
V- to V+ = 9V, VREF = 1.00V, TA = 25
oC, f
CLK = 120kHz, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Zero Input Reading
VIN = 0V, 200mV Scale
-0000
0000
+0000
Counts
Zero Reading Drift
VIN = 0V, 0
oC To 70oC-
±0.5
-
µV/oC
Ratiometric Reading
VIN = VREF = 1000mV, RANGE = 2V
9996
9999
10000
Counts
Range Change Accuracy
VIN = 0.10000V on Low,
Range
≈ VIN = 1.0000V on High Range
0.9999
1.0000
1.0001
Ratio
Rollover Error
-VIN = +VIN = 199mV
-
1.5
3.0
Counts
Linearity Error
200mV Scale
-
1.0
-
Counts
Input Common-Mode Rejection Ratio
VCM = 1V,VIN = 0V, 200mV Scale
-
110
-
dB
Input Common-Mode Voltage Range
VIN = 0V, 200mV Scale
-
(V-) +1.5
(V+) -1.0
-V
Noise (Peak-To-Peak Value not Exceeded 95% of Time) VIN = 0V 200mV Scale
-
14
-
µV
Input Leakage Current
VIN = 0V, Pin 32, 33
-
1
10
pA
Scale Factor Tempco
VIN = 199mV 0
oC To 70oC
External VREF = 0ppm/
oC
-
2
7
ppm/oC
COMMON Voltage
V+ to Pin 28
2.8
3.2
3.5
V
COMMON Sink Current
∆Common = + 0.1V
-
0.6
-
mA
COMMON Source Current
∆Common = -0.1V
-
10
-
µA
DGND VoItage
V+ to Pin 36, V+ to V- = 9V
4.5
5.3
5.8
V
DGND Sink Current
∆DGND = +0.5V
-
1.2
-
mA
Supply Voltage Range
V+ to V- (Note 3)
6
9
12
V
Supply Current Excluding COMMON Current
V+ to V- = 9V
-
1.0
1.5
mA
Clock Frequency
(Note 3)
-
120
360
kHz
VDISP Resistance
VDISP to V+
-
50
-
k
Ω
Low Battery Flag Activation Voltage
V+ to V-
6.3
7.2
7.7
V
CONTINUITY Comparator Threshold Voltages
VOUT Pin 27 = HI
100
200
-
mV
VOUT Pin 27 = LO
-
200
400
mV
Pull-Down Current
Pins 37, 38, 39
-
2
10
µA
“Weak Output” Current Sink/Source
Pins 20, 21 Sink/Source
-
3/3
-
µA
Pin 27 Sink/Source
-
3/9
-
µA
Pin 22 Source Current
-40-
µA
Pin 22 Sink Current
-3-
µA
NOTE:
3. Device functionality is guaranteed at the stated Min/Max limits. However, accuracy can degrade under these conditions.
ICL7129



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com