Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3202 Datasheet(PDF) 19 Page - NEC

Part # UPC3202
Description  FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3202 Datasheet(HTML) 19 Page - NEC

Back Button UPC3202 Datasheet HTML 12Page - NEC UPC3202 Datasheet HTML 13Page - NEC UPC3202 Datasheet HTML 14Page - NEC UPC3202 Datasheet HTML 15Page - NEC UPC3202 Datasheet HTML 16Page - NEC UPC3202 Datasheet HTML 17Page - NEC UPC3202 Datasheet HTML 18Page - NEC UPC3202 Datasheet HTML 19Page - NEC UPC3202 Datasheet HTML 20Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Data Sheet P12151EJ3V0DS00
19
µµµµPC3202GR
NOTE ON CORRECT USE
(1) Observe precautions for handling because of electro-static sensitive devices.
(2) Form a ground pattern as widely as possible to minimize ground impedance (to prevent undesires oscillation).
(3) Keep the track length of the ground pins as short as possible.
(4) A low pass filter must be attached to VCC line.
(5) A matching circuit must be externally attached to output port.
RECOMMENDED SOLDERING CONDITIONS
The following conditions (see table below) must be met when soldering this product.
Please consult with our sales officers in case other soldering process is used or in case soldering is done under
different conditions.
For details of recommended soldering conditions for surface mounting, refer to information document
SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL (C10535E).
µµµµPC3202GR
Soldering Process
Soldering Conditions
Symbol
Infrared ray reflow
Peak package’s surface temperature: 235°C or below,
Reflow time: 30 seconds or below (210°C or higher),
Number of reflow process: 3, Exposure limit
*1
None)
IR35-00-3
VPS
Peak package’s surface temperature: 215°C or below,
Reflow time: 40 seconds or below (200°C or higher),
Number of reflow process: 3, Exposure limit
*1
None)
VP15-00-3
Partial heating method
Terminal temperature: 300°C or below,
Flow time: 3 seconds or below, Exposure limit
*1
Note
*1
Exposure limit before soldering after dry-pack package is opened.
Storage conditions: 25 °C and relative humidity at 65 % or less.
Caution
Do not apply more than single process at once, except for “Partial heating method”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com