Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7109CPL Datasheet(PDF) 19 Page - Intersil Corporation

Part # ICL7109CPL
Description  12-Bit, Microprocessor- Compatible A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7109CPL Datasheet(HTML) 19 Page - Intersil Corporation

Back Button ICL7109CPL Datasheet HTML 15Page - Intersil Corporation ICL7109CPL Datasheet HTML 16Page - Intersil Corporation ICL7109CPL Datasheet HTML 17Page - Intersil Corporation ICL7109CPL Datasheet HTML 18Page - Intersil Corporation ICL7109CPL Datasheet HTML 19Page - Intersil Corporation ICL7109CPL Datasheet HTML 20Page - Intersil Corporation ICL7109CPL Datasheet HTML 21Page - Intersil Corporation ICL7109CPL Datasheet HTML 22Page - Intersil Corporation ICL7109CPL Datasheet HTML 23Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19
FIGURE 14. FULL-TIME PARALLEL INTERFACE TO 8040/80/85 MICROPROCESSORS
FIGURE 15. FULL-TIME PARALLEL INTERFACE TO 8048/80/85 MICROPROCESSORS WITH INTERRUPT
GND
MODE
LBEN
B9 - B12
POL, OR
B1 - B8
STATUS
HBEN
SEE TEXT
ANALOG
IN
6
8
ICL7109
CE/LOAD
RUN/HOLD
+5V
GND
ADDRESS BUS
CONTROL BUS
RD
WR
PA5 - PA0
PB7 - PB0
PC5
D7 - D0
A0 - A1
CS
8255
(MODE 0)
8008, 8080
8085, 8048, ETC.
DATA BUS
GND
MODE
LBEN
B9 - B12
POL, OR
B1 - B8
STATUS
HBEN
+5V
ANALOG
IN
6
8
ICL7109
CE/LOAD
RUN/HOLD
GND
ADDRESS BUS
CONTROL BUS
RD
WR
PA5 - PA0
PB7 - PB0
PC4
D7 - D0
A0 - A1
CS
8255
8008, 8080
8085, 8048, ETC.
PC6
SEE TEXT
STBA
1
µF
10k
Ω
PC6
INTRA
INTR
DATA BUS
ICL7109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com