Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3205 Datasheet(PDF) 12 Page - NEC

Part # UPC3205
Description  IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3205 Datasheet(HTML) 12 Page - NEC

Back Button UPC3205 Datasheet HTML 8Page - NEC UPC3205 Datasheet HTML 9Page - NEC UPC3205 Datasheet HTML 10Page - NEC UPC3205 Datasheet HTML 11Page - NEC UPC3205 Datasheet HTML 12Page - NEC UPC3205 Datasheet HTML 13Page - NEC UPC3205 Datasheet HTML 14Page - NEC UPC3205 Datasheet HTML 15Page - NEC UPC3205 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Data Sheet P13541EJ3V0DS00
12
µµµµPC3205GR
2nd/3rd ORDER INTERMODULATION DISTORTION
IF Input Power PIF/tone (dBm)
−50
−40
−30
−60
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
TA =
−25 °C
VCC = 5 V
fIF1 = 489 MHz
fIF2 = 490 MHz
fOSC = 479.5 MHz
VAGC = 0.5 V
measurement
circuit 1
1st
3rd
2nd
2nd/3rd ORDER INTERMODULATION DISTORTION
IF Input Power PIF/tone (dBm)
−50
−40
−30
−60
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
1st
3rd
2nd
TA = +85
°C
VCC = 5 V
fIF1 = 489 MHz
fIF2 = 490 MHz
fOSC = 479.5 MHz
VAGC = 0.5 V
measurement
circuit 1
2nd/3rd ORDER INTERMODULATION DISTORTION
IF Input Power PIF/tone (dBm)
−30
−20
−10
−40
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
TA =
−25 °C
VCC = 5 V
fIF1 = 489 MHz
fIF2 = 490 MHz
fOSC = 479.5 MHz
VAGC = 2.5 V
measurement
circuit 1
1st
3rd
2nd
2nd/3rd ORDER INTERMODULATION DISTORTION
IF Input Power PIF/tone (dBm)
−30
−20
−10
−40
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
1st
3rd
2nd
TA = +85
°C
VCC = 5 V
fIF1 = 489 MHz
fIF2 = 490 MHz
fOSC = 479.5 MHz
VAGC = 2.5 V
measurement
circuit 1
IQ OUTPUT POWER vs. IQ OUTPUT FREQUENCY
IQ Output Frequency fIQ (MHz)
1
10
100
0.1
−30
−28
−26
−22
−20
−24
VCC = 5 V
fOSC = 479.5 MHz
VAGC = 0.5 V
PIF =
−50 dBm
Vout = 1 VP-P (1 k
Ω)
measurement circuit 1
TA =
−25 °C
TA =
+25 °C
TA =
+85 °C
3rd ORDER INTERMODULATION DISTORTION
IF Input Power PIF/tone (dBm)
−40
−30
−10
−20
−50
0
10
20
30
40
50
60
VCC = 5 V
fIF1 = 489 MHz
fIF2 = 490 MHz
fOSC = 479.5 MHz
Vout = 0.708 VP-P
/tone (1 k
Ω)
measurement circuit 1
TA =
−25 °C
TA =
+25 °C
TA =
+85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com