Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2802-1 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # PS2802-1
Description  HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2802-1 Datasheet(HTML) 2 Page - Renesas Technology Corp

  PS2802-1 Datasheet HTML 1Page - Renesas Technology Corp PS2802-1 Datasheet HTML 2Page - Renesas Technology Corp PS2802-1 Datasheet HTML 3Page - Renesas Technology Corp PS2802-1 Datasheet HTML 4Page - Renesas Technology Corp PS2802-1 Datasheet HTML 5Page - Renesas Technology Corp PS2802-1 Datasheet HTML 6Page - Renesas Technology Corp PS2802-1 Datasheet HTML 7Page - Renesas Technology Corp PS2802-1 Datasheet HTML 8Page - Renesas Technology Corp PS2802-1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Data Sheet PN10252EJ02V0DS
2
PS2802-1,PS2802-4
PACKAGE DIMENSIONS (UNIT: mm)
M
0.12
0.4±0.1
1.27
PS2802-1
PS2802-4
4.4
7.0±0.3
0.5±0.3
2.7±0.3
10.3±0.3
4.4
7.0±0.3
0.5±0.3
1. Anode
2. Cathode
3. Emitter
4. Collector
43
12
TOP VIEW
Anode
Cathode
Emitter
Collector
1. 3. 5. 7.
2. 4. 6. 8.
9. 11. 13. 15.
10. 12. 14. 16.
12 34 56 78
16 15 14 13 12 11 10 9
TOP VIEW
1.27
M
0.12
0.40
+0.10
–0.05
MARKING EXAMPLE
Assembly Lot
0 03
Week Assembled
Last number of type No. : 2
PS2802-1
Country Assembled
Type Number
Assembly Lot
No. 1 pin
Mark
PS2802-4
PS2802-4
NL003
Year Assembled
(Last 1 Digit)
2 003
*1
0 03
Year Assembled
(Last 1 Digit)
L
N
Rank Code
In-house Code
(L: Pb-Free)
Week Assembled
*1
: Pb-Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com