Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCL8052CDD Datasheet(PDF) 7 Page - Intersil Corporation

Part # LCL8052CDD
Description  14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052CDD Datasheet(HTML) 7 Page - Intersil Corporation

Back Button LCL8052CDD Datasheet HTML 3Page - Intersil Corporation LCL8052CDD Datasheet HTML 4Page - Intersil Corporation LCL8052CDD Datasheet HTML 5Page - Intersil Corporation LCL8052CDD Datasheet HTML 6Page - Intersil Corporation LCL8052CDD Datasheet HTML 7Page - Intersil Corporation LCL8052CDD Datasheet HTML 8Page - Intersil Corporation LCL8052CDD Datasheet HTML 9Page - Intersil Corporation LCL8052CDD Datasheet HTML 10Page - Intersil Corporation LCL8052CDD Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
5-12
Temperature Coefficient
TC
-
50
-
-
40
-
ppm/oC
Supply Voltage Range
VSUPPLY
±10
-
±16
±10
-
±16
V
Supply Current Total
ISUPPLY
-
-
14
-
8
14
mA
ICL8052 Electrical Specifications VSUPPLY = ±15V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST
CONDITIONS
ICL8052
ICL8052A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
EACH OPERATIONAL AMPLIFIER
Input Offset Voltage
VOS
VCM = 0V
-
20
75
-
20
75
mV
Input Current (Either Input) (Note 11)
IIN
VCM = 0V
-
5
50
-
2
10
pA
Common-Mode Rejection Ratio
CMRR
VCM = ±10V
70
90
-
70
90
-
dB
Non-Linear Component of Common-
Mode Rejection Ratio (Note 12)
VCM = ±2V
-
110
-
-
110
-
dB
Large Signal Voltage Gain
AV
RL = 50kΩ
20,000
-
-
20,000
-
-
V/V
Slew Rate
SR
-
6
-
-
6
-
V/
µs
Unity Gain Bandwidth
GBW
-
1
-
-
1
-
MHz
Output Short-Circuit Current
ISC
-20
-
-20
-
mA
COMPARATOR AMPLIFIER
Small-Signal Voltage Gain
AVOL
RL = 30kΩ
-
4000
-
-
-
-
V/V
Positive Output Voltage Swing
+VO
12
13
-
12
13
-
V
Negative Output Voltage Swing
-VO
-2.0
-2.6
-
-2.0
-2.6
-
V
VOLTAGE REFERENCE
Output Voltage
VO
1.5
1.75
2.0
1.60
1.75
1.90
V
Output Resistance
RO
-5
-
-
5
-
Ω
Temperature Coefficient
TC
-
50
-
-
40
-
ppm/oC
Supply Voltage Range
VSUPPLY
±10
-
±16
±10
-
±16
V
Supply Current Total
ISUPPLY
-
6
12
-
6
12
mA
NOTES:
11. The input bias currents are junction leakage currents which approximately double for every 10oC increase in the junction temperature,
TJ. Due to limited production test time, the input bias currents are measured with junctions at ambient temperature. In normal operation
the junction temperature rises above the ambient temperature as a result of internal power dissipation, PD. TJ = TA + RθJAPD where
RθJA is the thermal resistance from junction to ambient. A heat sink can be used to reduce temperature rise.
12. This is the only component that causes error in dual-slope converter.
ICL8068 Electrical Specifications VSUPPLY = ±15V, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
ICL8068
ICL8068A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
ICL8052/ICL7104, ICL8068/ICL7104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com