Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7249IPM Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICM7249IPM
Description  51/2 Digit LCD, Micro-Power Event/Hour Meter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7249IPM Datasheet(HTML) 1 Page - Intersil Corporation

  ICM7249IPM Datasheet HTML 1Page - Intersil Corporation ICM7249IPM Datasheet HTML 2Page - Intersil Corporation ICM7249IPM Datasheet HTML 3Page - Intersil Corporation ICM7249IPM Datasheet HTML 4Page - Intersil Corporation ICM7249IPM Datasheet HTML 5Page - Intersil Corporation ICM7249IPM Datasheet HTML 6Page - Intersil Corporation ICM7249IPM Datasheet HTML 7Page - Intersil Corporation ICM7249IPM Datasheet HTML 8Page - Intersil Corporation ICM7249IPM Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
9-23
August 1997
ICM7249
51/2 Digit LCD,
Micro-Power Event/Hour Meter
Features
• Hour Meter Requires Only 4 Parts Total
• Micropower Operation: < 1
µA at 2.8V (Typ)
• 10 Year Operation On One Lithium Cell. 21/2 Year
Battery Life with Display Connected
• Directly Drives 51/2 Digit LCD
• 14 Programmable Modes of Operation
• Times Hrs., 0.1 Hrs., 0.01 Hrs., 0.1 Mins.
• Counts 1’s, 10’s, 100’s, 1000’s
• Dual Function Input Circuit
- Selectable Debounce for Counter
- High-Pass Filter for Timer
• Direct AC Line Triggering with Input Resistor
• Winking “Timer Active” Display Output
• Display Test Feature
Applications
• AC or DC Hour Meters
• AC or DC Totalizers
• Portable Battery Powered Equipment
• Long Range Service Meters
Description
The ICM7249 Timer/Counter is intended for long-term
battery-supported industrial applications. The ICM7249
typically draws 1
µA during active timing or counting, due to
Intersil’ special low-power design techniques. This allows
more than 10 years of continuous operation without battery
replacement. The chip offers four timing modes, eight
counting modes and four test modes.
The ICM7249 is a 48 lead device, powered by a single DC
voltage source and controlled by a 32.768kHz quartz crystal.
No other external components are required. Inputs to the
chip are TTL-compatible and outputs drive standard direct
drive LCD segments.
Pinout
ICM7249
(PDIP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
ICM7249IPM
-20 to 85
48 Ld PDIP
E48.6
C1
C0
GND
OSC OUTPUT
OSC INPUT
VDD
BP
W
a1
b1
c1
d1
e1
g1
f1
a2
b2
c2
d2
e2
DT
S/S
C3
C2
48
47
46
45
17
5
6
7
8
9
10
11
12
13
14
15
16
18
19
20
21
22
23
24
d5
c5
b5
a5
f4
g4
e4
d4
c4
b4
a4
f3
g3
e3
d3
c3
b3
a3
f2
g2
32
44
43
42
41
40
39
38
37
36
35
34
33
31
30
29
28
27
26
25
1
2
3
4
b6/c6
f5
g5
e5
File Number
3170.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - ICM7249IPM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7249IPM INTERSIL-ICM7249IPM Datasheet
162Kb / 9P
5 1/2 Digit LCD, Micro-Power Event/Hour Meter
August 1997
More results

Similar Description - ICM7249IPM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM-LX3 ETC1-DM-LX3 Datasheet
195Kb / 4P
Single Board Differential LCD 3쩍 Digit Digital Panel Meter
logo
Intersil Corporation
ICM7249 INTERSIL-ICM7249_01 Datasheet
162Kb / 9P
5 1/2 Digit LCD, Micro-Power Event/Hour Meter
August 1997
logo
Murata Manufacturing Co...
DM3100U1 MURATA-DM3100U1 Datasheet
289Kb / 6P
3쩍 Digit, LCD Digital Panel Meter with Descriptors
DM4101D MURATA-DM4101D Datasheet
3Mb / 9P
Micro-Bussable 4-1/2 Digit Digital Panel Meter
DM-3100X MURATA-DM-3100X Datasheet
1Mb / 6P
3-1/2 Digit Micropowered LCD Digital Panel Meter
DM-LX3 MURATA-DM-LX3 Datasheet
195Kb / 4P
Single Board Differential LCD 3쩍 Digit Digital Panel Meter
logo
National Instruments Co...
NI4050 NI-NI4050 Datasheet
110Kb / 4P
51?? Digit Multimeters
logo
Panasonic Semiconductor
LH2H-F-DHK PANASONIC-LH2H-F-DHK Datasheet
167Kb / 8P
DIN HALF SIZE HOUR METER
logo
M-System Co.,Ltd.
51U MSYSTEM-51U Datasheet
299Kb / 16P
Panel Mounted Multi Power Meter 51-UNIT
logo
NHP Electrical Engineer...
RQ72024V NHP-RQ72024V Datasheet
948Kb / 2P
HOUR RUN METER 24V AC
11 October 2022,
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com