Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7232 Datasheet(PDF) 6 Page - Intersil Corporation

Part # M7232
Description  Numeric/Alphanumeric Triplexed LCD Display Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

M7232 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button M7232 Datasheet HTML 2Page - Intersil Corporation M7232 Datasheet HTML 3Page - Intersil Corporation M7232 Datasheet HTML 4Page - Intersil Corporation M7232 Datasheet HTML 5Page - Intersil Corporation M7232 Datasheet HTML 6Page - Intersil Corporation M7232 Datasheet HTML 7Page - Intersil Corporation M7232 Datasheet HTML 8Page - Intersil Corporation M7232 Datasheet HTML 9Page - Intersil Corporation M7232 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
9-24
Table of Features
TYPE NUMBER
OUTPUT CODE
ANNUNCIATOR LOCATIONS
INPUT
OUTPUT
ICM7231BF
Code B
Both Annunciators on BP3
Parallel Entry, 4-bit Data, 2-bit
Annunciators, 3-bit Address
8 Digits plus
16 Annunciators
ICM7232AF
Hexadecimal
Both Annunciators on BP3
Serial Entry, 4-bit Data, 2-bit
Annunciators, 4-bit Address
10 Digits plus
20 Annunciators
ICM7232BF
Code B
ICM7232CR
Code B
1 Annunciator BP1
1 Annunciator BP3
Terminal Definitions
TERMINAL
PIN NO.
DESCRIPTION
FUNCTION
ICM7231 PARALLEL INPUT NUMERIC DISPLAY
AN1
30
Annunciator 1 Control Bit
High = ON
AN2
31
Annunciator 2 Control Bit
Low = OFF
See Table 3
BD0
32
Least Significant
4-bit Binary
Data Inputs
Input
Data
(See Table 1)
HIGH = Logical One (1)
LOW = Logical Zero (0)
BD1
33
BD2
34
BD3
35
Most Significant
A0
37
Least Significant
3-bit Digit
Address Inputs
Input
Address
(See Table 2)
A1
38
A2
39
Most Significant
CS
1
Data Input Strobe/Chip Select (Note 2)
Trailing (Positive going) edge latches data, causes data input to be
decoded and sent out to addressed digit
ICM7232 SERIAL DATA AND ADDRESS INPUT
Data Input
38
Data+ Address Shift Register Input
HIGH = Logical One (1)
LOW = Logical Zero (O)
WRITE Input
39
Decode, Output, and Reset Strobe
When DATA ACCEPTED Output is LOW, positive going edge of WRITE
causes data in shift register to be decoded and sent to addressed digit,
then shift register and control logic to be reset. When DATA ACCEPTED
Output is HIGH, positive going edge of WRITE triggers reset only.
Data Clock
Input
1
Data Shift Register and Control Logic
Clock
Positive going edge advances data in shift register. ICM7232: Elev-
enth edge resets shift register and control logic.
DATA
ACCEPTED
Output
37
Handshake Output
Output LOW when correct number of bits entered into shift register.
ALL DEVICES
Display
Voltage
VDlSP
2
Negative end of on-chip resistor string
used to generate intermediate voltage
levels for display. Shutdown Input.
Display voltage control. When open (or less than 1V from VDD) chip
is shutdown; oscillator stops, all display pins to VDD.
Common
Line Driver
Outputs
3, 4, 5
Drive display commons, or rows
Segment
Line Driver
Outputs
6 - 29
6 - 35
(On ICM7231)
(On ICM7232)
Drive display segments, or columns.
VDD
40
Chip Positive Supply
VSS
36
Chip Negative Supply
NOTES:
1. For Design reference only, not 100% tested.
2. CS has a special “mid-level” sense circuit that establishes a test mode if it is held near 3V for several ms. Inadvertent triggering of this
mode can be avoided by pulling it high when inactive, or ensuring frequent activity.
ICM7231, ICM7232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com