Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF520 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IRF520
Description  9.2A, 100V, 0.270 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF520 Datasheet(HTML) 1 Page - Intersil Corporation

  IRF520 Datasheet HTML 1Page - Intersil Corporation IRF520 Datasheet HTML 2Page - Intersil Corporation IRF520 Datasheet HTML 3Page - Intersil Corporation IRF520 Datasheet HTML 4Page - Intersil Corporation IRF520 Datasheet HTML 5Page - Intersil Corporation IRF520 Datasheet HTML 6Page - Intersil Corporation IRF520 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4-172
File Number
1574.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999
IRF520
9.2A, 100V, 0.270 Ohm, N-Channel
Power MOSFET
This N-Channel enhancement mode silicon gate power field
effect transistor is an advanced power MOSFET designed,
tested, and guaranteed to withstand a specified level of
energy in the breakdown avalanche mode of operation. All of
these power MOSFETs are designed for applications such
as switching regulators, switching convertors, motor drivers,
relay drivers, and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
These types can be operated directly from integrated
circuits.
Formerly developmental type TA09594.
Features
• 9.2A, 100V
•rDS(ON) = 0.270Ω
• SOA is Power Dissipation Limited
• Single Pulse Avalanche Energy Rated
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
JEDEC TO-220AB
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRF520
TO-220AB
IRF520
NOTE: When ordering, use the entire part number.
G
D
S
SOURCE
DRAIN (FLANGE)
DRAIN
GATE
Data Sheet
November 1999


Similar Part No. - IRF520

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF520 STMICROELECTRONICS-IRF520 Datasheet
181Kb / 9P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1993
logo
Supertex, Inc
IRF520 SUTEX-IRF520 Datasheet
74Kb / 2P
N - CHANNEL ENHANCEMENT MODE VERTICAL DMOS POWER FETs
logo
Fairchild Semiconductor
IRF520 FAIRCHILD-IRF520 Datasheet
166Kb / 5P
N-Channel Power MOSFETs, 11 A, 60-100 V
logo
Vishay Siliconix
IRF520 VISHAY-IRF520 Datasheet
135Kb / 8P
Power MOSFET
16-Jun-08
logo
New Jersey Semi-Conduct...
IRF520 NJSEMI-IRF520 Datasheet
798Kb / 3P
IRF120-123/IRF520-523 MTP10N08/10N10 N-Channel Power MOSFETs
More results

Similar Description - IRF520

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF120 INTERSIL-IRF120 Datasheet
68Kb / 7P
8.0A and 9.2A, 80V and 100V, 0.27 and 0.36 Ohm, N-Channel, Power MOSFETs
October 1997
IRFD110 INTERSIL-IRFD110 Datasheet
52Kb / 6P
1A, 100V, 0.600 Ohm, N-Channel Power MOSFET
July 1999
IRFF110 INTERSIL-IRFF110 Datasheet
328Kb / 7P
3.5A, 100V, 0.600 Ohm, N-Channel Power MOSFET
March 1999
IRFF120 INTERSIL-IRFF120 Datasheet
325Kb / 7P
6.0A, 100V, 0.300 Ohm, N-Channel Power MOSFET
March 1999
IRFP460 INTERSIL-IRFP460 Datasheet
55Kb / 7P
20A, 500V, 0.270 Ohm, N-Channel Power MOSFET
July 1999
IRFR120 INTERSIL-IRFR120 Datasheet
56Kb / 7P
8.4A, 100V, 0.270 Ohm, N-Channel Power MOSFETs
July 1999
logo
Fairchild Semiconductor
IRFD120 FAIRCHILD-IRFD120 Datasheet
91Kb / 7P
1.3A, 100V, 0.300 Ohm, N-Channel Power MOSFET
IRFP140 FAIRCHILD-IRFP140 Datasheet
104Kb / 7P
31A, 100V, 0.077 Ohm, N-Channel Power MOSFET
logo
Unisonic Technologies
UF520 UTC-UF520 Datasheet
203Kb / 6P
9.2A, 100V N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
IRFF130 NJSEMI-IRFF130 Datasheet
150Kb / 3P
8.0A, 100V, 0.180 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com