Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN352AP Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FDN352AP
Description  P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FDN352AP Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FDN352AP Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FDN352AP Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FDN352AP Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FDN352AP Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
P-Channel MOSFET
FDN352AP (KDN352AP)
■
Features
●
VDS (V) =-30V
●
ID =-1.3 A (VGS =-10V)
●
RDS(ON) < 180mΩ (VGS =-10V)
●
RDS(ON) < 300mΩ (VGS =-4.5V)
1. Gate
2. Source
3. Drain
D
G
S
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-30
Gate-Source Voltage
VGS
±
25
Continuous Drain Current
ID
-1.3
Pulsed Drain Current
IDM
-10
Power Dissipation
(Note.1)
0.5
(Note.2)
0.46
Thermal Resistance.Junction- to-Ambient
RthJA
250
Thermal Resistance.Junction- to-Case
RthJC
75
Junction Temperature
TJ
150
Junction Storage Temperature Range
Tstg
-55 to 150
℃
PD
W
V
℃
/W
A
Note.1: RθJA= 250°C/W when mounted on a 0.02 in pad of 2oz. copper.
Note.2: RθJA= 270°C/W when mounted on a 0.001 in pad of 2oz. copper.
2
2
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01


Similar Part No. - FDN352AP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN352AP FAIRCHILD-FDN352AP Datasheet
118Kb / 5P
Single P-Channel, PowerTrench
FDN352AP FAIRCHILD-FDN352AP Datasheet
123Kb / 5P
Single P-Channel, PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDN352AP UMW-FDN352AP Datasheet
448Kb / 5P
P-Channel 30 V (D-S) MOSFET
logo
EVER SEMICONDUCTOR CO.,...
FDN352AP EVVOSEMI-FDN352AP Datasheet
356Kb / 5P
P-Channel 30 V (D-S) MOSFET
Rev:2023A2
logo
Guangdong Kexin Industr...
FDN352AP-3 KEXIN-FDN352AP-3 Datasheet
1Mb / 4P
P-Channel MOSFET
More results

Similar Description - FDN352AP

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com