Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN352AP-3 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FDN352AP-3
Description  P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FDN352AP-3 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  FDN352AP-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FDN352AP-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FDN352AP-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FDN352AP-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
P-Channel MOSFET
FDN352AP (KDN352AP)
■
Typical Characterisitics
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0
2
4
6
8
10
-ID, DRAIN CURRENT (A)
V
GS
= -4.0V
-10V
-6.0V
-5.0V
-7.0V
-4.5V
-8.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
I
D = -0.9A
V
GS
= -10V
0.1
0.2
0.3
0.4
0.5
0.6
0.7
2
4
6
8
10
-VGS, GATE TO SOURCE VOLTAGE (V)
I
D = -0.45A
T
A = 125
o C
T
A = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
2
4
6
8
10
1
2
3
4
5
6
7
8
-V
GS , GATE TO SOURCE VOLTAGE (V)
T
A = -55
oC
25
o C
125 oC
V
DS
= -5V
0.0001
0.001
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-VSD, BODY DIODE FORWARD VOLTAGE (V)
V
GS
= 0V
T
A = 125
oC
25 oC
-55oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.
0
2
4
6
8
10
0
1
2
3
4
5
-VDS, DRAIN TO SOURCE VOLTAGE (V)
V
GS
= -10V
-4.5V
-3.5V
-3.0V
-6.0V
-4.0V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com