Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF730 Datasheet(PDF) 4 Page - Intersil Corporation

Part # IRF730
Description  5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF730 Datasheet(HTML) 4 Page - Intersil Corporation

  IRF730 Datasheet HTML 1Page - Intersil Corporation IRF730 Datasheet HTML 2Page - Intersil Corporation IRF730 Datasheet HTML 3Page - Intersil Corporation IRF730 Datasheet HTML 4Page - Intersil Corporation IRF730 Datasheet HTML 5Page - Intersil Corporation IRF730 Datasheet HTML 6Page - Intersil Corporation IRF730 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-235
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
100
100
1
10
1
0.1
1000
10
µs
100
µs
1ms
10ms
DC
SINGLE PULSE
TJ = MAX RATED
TC = 25
oC
OPERATION IN THIS AREA
IS LIMITED BY rDS(ON)
0
40
80
120
160
2
4
6
8
10
200
VDS, DRAIN TO SOURCE VOLTAGE (V)
0
VGS = 10V
VGS = 6.0V
VGS = 4.5V
VGS = 4.0V
VGS = 5.5V
VGS = 5.0V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0
2
0
3
69
15
4
6
VDS, DRAIN TO SOURCE VOLTAGE (V)
8
12
10
VGS = 10V
VGS = 5.0V
VGS = 4.5V
VGS = 6.0V
VGS = 5.5V
VGS = 4.0V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
02468
VGS, GATE TO SOURCE VOLTAGE (V)
10
1
0.1
0.01
TJ = 150
oC
10
TJ = 25
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDS ≥ 50V
ID, DRAIN CURRENT (A)
10
8
6
4
2
0
0
3
6
9
12
15
VGS = 20V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
3.0
1.8
1.2
0.6
0
-40
0
40
TJ, JUNCTION TEMPERATURE (
oC)
120
2.4
80
160
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 10V, ID = 5.5A
IRF730



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com