Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFAC40 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IRFAC40
Description  6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFAC40 Datasheet(HTML) 1 Page - Intersil Corporation

  IRFAC40 Datasheet HTML 1Page - Intersil Corporation IRFAC40 Datasheet HTML 2Page - Intersil Corporation IRFAC40 Datasheet HTML 3Page - Intersil Corporation IRFAC40 Datasheet HTML 4Page - Intersil Corporation IRFAC40 Datasheet HTML 5Page - Intersil Corporation IRFAC40 Datasheet HTML 6Page - Intersil Corporation IRFAC40 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
5-1
Semiconductor
• 6.2A and 5.4A, 600V
•rDS(ON) = 1.2Ω and 1.6Ω
• Repetitive Avalanche Energy Rated
• Simple Drive Requirements
• Ease of Paralleling
• Related Literature
- TB334, “Guidelines for Soldering Surface Mount
Components to PC Boards”
Description
These are N-Channel enhancement mode silicon gate
power field effect transistors. They are advanced power
MOSFETs designed, tested, and guaranteed to withstand a
specified level of energy in the breakdown avalanche mode
of operation. All of these power MOSFETs are designed for
applications such as switching regulators, switching conver-
tors, motor drivers, relay drivers, and drivers for high power
bipolar switching transistors requiring high speed and low
gate drive power. These types can be operated directly from
integrated circuits.
Formerly Developmental Type TA17426.
Symbol
Packaging
JEDEC TO-204AA
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRFAC40
TO-204AA
IRFAC40
IRFAC42
TO-204AA
IRFAC42
NOTE: When ordering, include the entire part number.
G
D
S
DRAIN
(FLANGE)
SOURCE (PIN 2)
GATE (PIN 1)
January 1998
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper ESD Handling Procedures.
Copyright
© Harris Corporation 1997
File Number
2156.2
IRFAC40,
IRFAC42
6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm,
N-Channel Power MOSFETs


Similar Part No. - IRFAC40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFAC40 IRF-IRFAC40 Datasheet
152Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-204AA/AE)
IRFAC40 IRF-IRFAC40 Datasheet
153Kb / 7P
Simple Drive Requirements
logo
Inchange Semiconductor ...
IRFAC40R ISC-IRFAC40R Datasheet
48Kb / 2P
isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFAC40 IRF-IRFAC40_15 Datasheet
153Kb / 7P
Simple Drive Requirements
More results

Similar Description - IRFAC40

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF220 INTERSIL-IRF220 Datasheet
68Kb / 7P
4.0A and 5.0A, 150V and 200V, 0.8 and 1.2 Ohm, N-Channel Power MOSFETs
October 1997
IRF9230 INTERSIL-IRF9230 Datasheet
72Kb / 7P
-5.5A and -6.5A, -150V and -200V, 0.8 and 1.2 Ohm, P-Channel Power MOSFETs
January 1998
IRFBC40 INTERSIL-IRFBC40 Datasheet
55Kb / 7P
6.2A, 600V, 1.200 Ohm, N-Channel Power MOSFET
July 1999
logo
Harris Corporation
IRFBC40 HARRIS-IRFBC40 Datasheet
66Kb / 7P
6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
IRFD9113 HARRIS-IRFD9113 Datasheet
342Kb / 6P
-0.6A and -0.7A, -80V and -100V, 1.2 and 1.6 Ohm, P-Channel Power MOSFETs
logo
Unisonic Technologies
6N60 UTC-6N60_11 Datasheet
254Kb / 6P
6.2A, 600V N-CHANNEL POWER MOSFET
6N60Z UTC-6N60Z Datasheet
200Kb / 6P
6.2A, 600V N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
IRF540 NJSEMI-IRF540 Datasheet
984Kb / 3P
25A and 28A, 80V and 100V, 0.077 and 0.100 Ohm, N-Channel Power MOSFETs
IRF420 NJSEMI-IRF420 Datasheet
142Kb / 3P
2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
logo
Nanjing International G...
NJ6N60 DGNJDZ-NJ6N60 Datasheet
699Kb / 6P
6.2A 600V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com