Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFD320 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IRFD320
Description  0.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFD320 Datasheet(HTML) 1 Page - Intersil Corporation

  IRFD320 Datasheet HTML 1Page - Intersil Corporation IRFD320 Datasheet HTML 2Page - Intersil Corporation IRFD320 Datasheet HTML 3Page - Intersil Corporation IRFD320 Datasheet HTML 4Page - Intersil Corporation IRFD320 Datasheet HTML 5Page - Intersil Corporation IRFD320 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4-299
File Number
2325.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
IRFD320
0.5A, 400V, 1.800 Ohm, N-Channel
Power MOSFET
This N-Channel enhancement mode silicon gate power field
effect transistor is an advanced power MOSFET designed,
tested, and guaranteed to withstand a specified level of
energy in the breakdown avalanche mode of operation. All of
these power MOSFETs are designed for applications such
as switching regulators, switching convertors, motor drivers,
relay drivers, and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
These types can be operated directly from integrated
circuits.
Formerly developmental type TA17404.
Features
• 0.5A, 400V
•rDS(ON) = 1.800Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
HEXDIP
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRFD320
HEXDIP
IRFD320
NOTE: When ordering, use the entire part number.
G
D
S
SOURCE
GATE
DRAIN
Data Sheet
July 1999


Similar Part No. - IRFD320

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFD320 IRF-IRFD320 Datasheet
478Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=0.49A)
logo
Vishay Siliconix
IRFD320 VISHAY-IRFD320 Datasheet
1Mb / 8P
Power MOSFET
23-Jun-08
IRFD320 VISHAY-IRFD320 Datasheet
415Kb / 9P
Power MOSFET
30-Aug-2021
logo
International Rectifier
IRFD320PBF IRF-IRFD320PBF Datasheet
937Kb / 8P
HEXFET POWER MOSFET ( VDSS=400V , RDS(on)=1.8廓 , ID=0.49A )
logo
Vishay Siliconix
IRFD320PBF VISHAY-IRFD320PBF Datasheet
1Mb / 8P
Power MOSFET
23-Jun-08
More results

Similar Description - IRFD320

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ351 INTERSIL-BUZ351 Datasheet
10Kb / 1P
11.5A, 400V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
BUZ60B INTERSIL-BUZ60B Datasheet
42Kb / 5P
4.5A, 400V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
BUZ76 INTERSIL-BUZ76 Datasheet
42Kb / 5P
3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
October 1998
BUZ76A INTERSIL-BUZ76A Datasheet
42Kb / 5P
2.6A, 400V, 2.500 Ohm, N-Channel Power MOSFET
October 1998
IRF720 INTERSIL-IRF720 Datasheet
54Kb / 7P
3.3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
July 1999
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
IRF740 INTERSIL-IRF740 Datasheet
56Kb / 7P
10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
July 1999
IRFF320 INTERSIL-IRFF320 Datasheet
325Kb / 7P
2.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET
March 1999
IRFR320 INTERSIL-IRFR320 Datasheet
55Kb / 7P
3.1A, 400V, 1.800 Ohm, N-Channel Power MOSFETs
July 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com