Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFF9130 Datasheet(PDF) 3 Page - Intersil Corporation

Part # IRFF9130
Description  -6.5A, -100V, 0.300 Ohm, P-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFF9130 Datasheet(HTML) 3 Page - Intersil Corporation

  IRFF9130 Datasheet HTML 1Page - Intersil Corporation IRFF9130 Datasheet HTML 2Page - Intersil Corporation IRFF9130 Datasheet HTML 3Page - Intersil Corporation IRFF9130 Datasheet HTML 4Page - Intersil Corporation IRFF9130 Datasheet HTML 5Page - Intersil Corporation IRFF9130 Datasheet HTML 6Page - Intersil Corporation IRFF9130 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4-103
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET
Symbol Showing the In-
tegral Reverse
P-N Junction Diode
-
-
-6.5
A
Pulse Source to Drain Current
(Note 3)
ISDM
-
-
-26
A
Source to Drain Diode Voltage (Note 2)
VSD
TC = 25
oC, I
SD = 6.5A, VGS = 0V (Figure 13)
-
-
-1.5
V
Reverse Recovery Time
trr
TJ = 150
oC, I
SD = 6.5A, dISD/dt = 100A/µs
-
300
-
ns
Reverse Recovered Charge
QRR
TJ = 150
oC, I
SD = 6.5A, dISD/dt = 100A/µs
-
1.8
-
µC
NOTES:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by Max junction temperature. See Transient Thermal Impedance curve (Figure 3).
4. VDD = 25V, starting TJ = 25
oC, L = 17.75mH, R
G = 25Ω, peak IAS = 6.5A. (Figures 15, 16).
G
D
S
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
TC, CASE TEMPERATURE (
oC)
50
75
100
25
150
-7.0
-5.6
-4.2
0
-2.8
-1.4
125
t1, RECTANGULAR PULSE DURATION (s)
10-3
10-2
1
10-5
10-4
0.01
0.1
10
10-1
1
PDM
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
t1
t2
SINGLE PULSE
0.1
0.02
0.2
0.5
0.01
0.05
IRFF9130



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com