Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2315BDS Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI2315BDS
Description  P-Channel Enhancement MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2315BDS Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2315BDS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2315BDS Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2315BDS Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2315BDS Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI2315BDS Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
P-Channel Enhancement MOSFET
SI2315BDS (KI2315BDS)
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-12
V
VDS=-12V, VGS=0V
-1
VDS=-12V, VGS=0V, TJ=55℃
-10
Gate-Body leakage current
IGSS
VDS=0V, VGS=±8V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS ID=-250μA
-0.45
-0.9
V
VGS=-4.5V, ID=-3.85A
40
50
VGS=-2.5V, ID=-3.4A
50
65
VGS=-1.8V, ID=-2.7A
71
100
VGS=-4.5V, VDS=-5V
-6
VGS=-2.5V, VDS=-5V
-3
Forward Transconductance
gFS
VDS=-5V, ID=-3.85A
7
S
Input Capacitance
Ciss
715
Output Capacitance
Coss
275
Reverse Transfer Capacitance
Crss
200
Total Gate Charge
Qg
8
15
Gate Source Charge
Qgs
1.1
Gate Drain Charge
Qgd
2.3
Turn-On DelayTime
td(on)
15
20
Turn-On Rise Time
tr
35
50
Turn-Off DelayTime
td(off)
50
70
Turn-Off Fall Time
tf
50
75
Maximum Body-Diode Continuous Current
IS
-1.6
A
Diode Forward Voltage
VSD
IS=-1.6A,VGS=0V
-1.2
V
VGS=-4.5V, VDS=-6V, RL=6Ω,RGEN=6Ω
ID=1.0A *1
pF
nC
On state drain current
ID(ON)
A
ns
Zero Gate Voltage Drain Current
IDSS
μ
A
mΩ
RDS(On)
Static Drain-Source On-Resistance
VGS=0V, VDS=-6V, f=1MHz *1
VGS=-4.5V, VDS=-6V, ID=-3.85A *1
*1 Pulse test: PW ≤ 300 μs duty cycle ≤ 2 %.
■
Marking
Marking
M5*



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com