Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC393HA Datasheet(PDF) 3 Page - NEC

Part # UPC393HA
Description  LOW POWER DUAL COMPARATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC393HA Datasheet(HTML) 3 Page - NEC

  UPC393HA Datasheet HTML 1Page - NEC UPC393HA Datasheet HTML 2Page - NEC UPC393HA Datasheet HTML 3Page - NEC UPC393HA Datasheet HTML 4Page - NEC UPC393HA Datasheet HTML 5Page - NEC UPC393HA Datasheet HTML 6Page - NEC UPC393HA Datasheet HTML 7Page - NEC UPC393HA Datasheet HTML 8Page - NEC UPC393HA Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
µPC393
3
ELECTRICAL CHARACTERISTICS (TA = 25
°C, V+ = 5 V, V– = GND)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input Offset Voltage
VIO
VO = 1.4 V, VREF = 1.4 V, RS = 0
Ω±2
±5mV
Input Offset Current
IIO
VO = 1.4 V
±5
±50
nA
Input Bias Current
IB
VO = 1.4 V
25
250
nA
Voltage Gain
AV
RL = 15 k
Ω
200
V/mV
Supply Current
ICC
RL =
∞, IO = 0 A, Both Comparators
0.6
1
mA
Common Mode lnput Voltage Range
VICM
0V+–1.5
V
Output Saturation Voltage
VOL
VIN (–) = 1 V, VIN (+) = 0 V, IO SINK = 4 mA
0.2
0.4
V
Output Sink Current
IO SINK
VIN (–) = 1 V, VIN (+) = 0 V, VO
≤ 1.5 V
6
16
mA
Output Leakage Current
IO LEAK
VIN (+) = 1 V, VIN (–) = 0 V, VO = 5 V
0.1
nA
Response Time
RL = 5.1 k
Ω, VRL = 5 V
1.3
µs
·
·
·
·



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com