Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP460 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IRFP460
Description  20A, 500V, 0.270 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFP460 Datasheet(HTML) 1 Page - Intersil Corporation

  IRFP460 Datasheet HTML 1Page - Intersil Corporation IRFP460 Datasheet HTML 2Page - Intersil Corporation IRFP460 Datasheet HTML 3Page - Intersil Corporation IRFP460 Datasheet HTML 4Page - Intersil Corporation IRFP460 Datasheet HTML 5Page - Intersil Corporation IRFP460 Datasheet HTML 6Page - Intersil Corporation IRFP460 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4-359
File Number
2291.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
IRFP460
20A, 500V, 0.270 Ohm, N-Channel
Power MOSFET
This N-Channel enhancement mode silicon gate power field
effect transistor is an advanced power MOSFET designed,
tested, and guaranteed to withstand a specified level of
energy in the breakdown avalanche mode of operation. All of
these power MOSFETs are designed for applications such
as switching regulators, switching convertors, motor drivers,
relay drivers, and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
These types can be operated directly from integrated
circuits.
Formerly developmental type TA17465.
Features
• 20A, 500V
•rDS(ON) = 0.270Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
JEDEC STYLE TO-247
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRFP460
TO-247
IRFP460
NOTE: When ordering, use the entire part number.
G
D
S
SOURCE
DRAIN
GATE
DRAIN
(TAB)
Data Sheet
July 1999


Similar Part No. - IRFP460

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRFP460 PHILIPS-IRFP460 Datasheet
94Kb / 7P
PowerMOS transistors Avalanche energy rated
September 1999 Rev 1.000
logo
STMicroelectronics
IRFP460 STMICROELECTRONICS-IRFP460 Datasheet
91Kb / 8P
N - CHANNEL 500V - 0.22 ohm - 20 A - TO-247 PowerMESH] MOSFET
Sep-1998
logo
International Rectifier
IRFP460 IRF-IRFP460 Datasheet
163Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
logo
IXYS Corporation
IRFP460 IXYS-IRFP460 Datasheet
77Kb / 4P
MegaMOS - Power MOSFET
logo
Vishay Siliconix
IRFP460 VISHAY-IRFP460 Datasheet
135Kb / 8P
Power MOSFET
28-Jul-08
More results

Similar Description - IRFP460

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF520 INTERSIL-IRF520 Datasheet
69Kb / 7P
9.2A, 100V, 0.270 Ohm, N-Channel Power MOSFET
November 1999
IRFR120 INTERSIL-IRFR120 Datasheet
56Kb / 7P
8.4A, 100V, 0.270 Ohm, N-Channel Power MOSFETs
July 1999
logo
Unisonic Technologies
20N50 UTC-20N50 Datasheet
142Kb / 4P
20A, 500V N-CHANNEL POWER MOSFET
logo
Thinki Semiconductor Co...
20N50B THINKISEMI-20N50B Datasheet
1Mb / 6P
20A,500V Heatsink N-Channel Type Power MOSFET
IRFP460PBF THINKISEMI-IRFP460PBF Datasheet
1Mb / 6P
20A,500V Heatsink N-Channel Type Power MOSFET
W20NB50 THINKISEMI-W20NB50 Datasheet
1Mb / 6P
20A,500V Heatsink N-Channel Type Power MOSFET
logo
PFC Device Inc.
PSM20N50CT PFC-PSM20N50CT Datasheet
943Kb / 8P
20A 500V Single N-Channel Power MOSFET
logo
Silan Microelectronics ...
SVF20N50F SILAN-SVF20N50F Datasheet
658Kb / 8P
20A, 500V N-CHANNEL MOSFET
logo
Jiangsu Donghai Semicon...
20N50 WXDH-20N50 Datasheet
1Mb / 11P
20A 500V N-channel Enhancement Mode Power MOSFET
20N50D WXDH-20N50D Datasheet
1Mb / 10P
20A 500V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com