Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP10 Datasheet(PDF) 2 Page - Cynergy3 Co

Part # FSP10
Description  Flow switch for direct switching of pump
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

FSP10 Datasheet(HTML) 2 Page - Cynergy3 Co

  FSP10 Datasheet HTML 1Page - Cynergy3 Co FSP10 Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Neutral
Neutral
Ground
Ground
Live 240Vac
Live 240Vac
Output to Pump
Power supply
Power indicator LED
Test button
The flow switch must be mounted vertically with the flow
direction upwards. Pipe connection is G1” (1”BSP). The
device relies on the flow of liquid working in opposition to
gravity to operate the relay.
The liquid flow moves a plunger inside the brass flow tube,
when the flow increases beyond the minimum specified level.
A magnet inside the plunger closes a magnetic switch in the
control circuit, so causing this to operate the output relay.
The output relay will
energised, if the flow drops below
be de-
the specified level and the plunger has returned to the lower
position.
The output relay will be energised, if the test button is
pushed.
The unit can
operate on a supply voltage of 240 ac.
only
V
The output is a SPCO electromechanical relay with contacts
rated to 10
A 250Vac.
(4)
FSP10
Flow switch for irect switching of pump
d
www.cynergy3.com
© 2015 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
• 7 •
Only for vertical Installation
82
90
Flow direction



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com