Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1C Datasheet(PDF) 2 Page - Cynergy3 Co

Part # MP1C
Description  the switch stops the compressor and starts the pump
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

MP1C Datasheet(HTML) 2 Page - Cynergy3 Co

  MP1C Datasheet HTML 1Page - Cynergy3 Co MP1C Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
•
• Installation through G1”or
G1”1/4
• Supplied with gland &
counterweight
• Mount through side or top
of tank
For compressor receivers
or pressurised tanks
This float switch is designed specially to maintain the air cushion in autoclaves
and is available in two different versions 1” or 1”1/4.diameter.
Thanks to its small diameter it can be introduced into the tank through a coupling
and mounted either horizontally or vertically (with counterweight).The level switch
action point is determined by the cable length with the entry point (if horizontal) or
to the application point (if vertical).When the tank water level rises , the switch
gives the starting up command to the compressor contactor or to the compressed
air valve, which then stops the pump with an auxiliary contact.
When the water / air level stabilises at the desired position, the switch stops the
compressor and starts the pump.
Cynergy3 Components Ltd
7 Cobham Road
Ferndown Industrial Estate
Wimborne
Dorset BH21 7PE
Tel:
+44 (0) 1202 897969
sales@cynergy3.com
MECHANICAL
On - Off
Differential 5%
Off - On
Minimum Cable Pivot
length 120mm
Technical Specifications
MP1C-3
MP1C-5
Contact Form
C/O
Material
High Density Polyethylene
Temp Range
°C
0 / +55
°F
+ 32 / +131
Cable
3 metre
5 metre
Standard cable covering
PVC 3x1 A05 VVF Rf60
Max. working pressure
10 bar
Electrical Specifications
Power Rating
Max
3VA
Switching Voltage
Max
60Vac
Switching Current Max. Resistive
0.25 A
It is necessary to use an auxiliary relay, when switching any significant load.
MP1C Series
www.cynergy3.com
www.cynergy3.com
ISO 9001
ISO 9001
C E R T I F IED
C E R T I F IED
© 2011 Cynergy3 Components, All Rights Reserved.
© 2011 Cynergy3 Components, All Rights Reserved.
Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com