Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILTS Datasheet(PDF) 1 Page - Cynergy3 Co

Part # ILTS
Description  Submersible Dual Level and Temperature Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

ILTS Datasheet(HTML) 1 Page - Cynergy3 Co

  ILTS Datasheet HTML 1Page - Cynergy3 Co ILTS Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cynergy3.com
© 2014 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
ILTS series
Submersible Dual Level & Temperature Transmitter
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
Web: www.cynergy3.com
The ILTS is designed for use in continuous
submersion in liquids such as water, oil and
fuels. The probe uses the latest piezo-
resistive media-isolated silicon sensing
technology and a stainless steel diaphragm.
Housed within a 316L stainless steel, or
high grade Duplex stainless steel housing,
this submersible transmitter is the ideal
product for hydrostatic level measurement
where temperature is also a critical part of
the measurement.
It offers excellent stability, repeatability and
resolution, as required for use in rivers and
reservoirs.
This type incorporates a Class ‘B’ accuracy
platinum resistance thermometer.
Every device is temperature compensated,
calibrated and supplied with a traceable
serial number and calibration certificate.
Level accuracy: <0.1% FS BFSL
Pressure ranges from 1mWG to 10mWG
Temperature range: -20 to +60ºC
Custom versions can be made for particular applications.
Stainless steel, piezo-resistive sensor
Dual independent 4-20mA outputs
Suitable applications
River level & temperature
Reservoir level & temperature
Tank level & temperature
Borehole level & temperature
Aquifer level & temperature
Environmental monitoring
V-notch weir flow measurement
Level Performance
Accuracy (Non-Linearity & Hysteresis)
<±0.1% / FS (BFSL)
Setting Errors (offsets)
Zero & Full Scale, <±0.5% / FS
Permiss ble Load
R
= [(Voltage Supply-9)/0.02]Ohms
i
max
Influence Effects
Supply
<0.005% FS / 1V
Load
0.05% FSO / kOhm
Temperature Performance
Measurement Accuracy
(mA output/2000) or 5
µA (whichever is the greater)
Thermal drift
1 µA/ºC
Loop Voltage effect
0.2µA/V
Maximum output load
[(Vsupply-10)/21] kOhms
(Example: 700 Ohms @ 24V)
Output Timing
Transmitter start up time: 4 seconds (I out <4mA during
start up)
Warm up time: 1 minute to full accuracy
Update time: 500ms
Response time: 1 second
Pressure Ranges
Nominal Pressure, Gauge
mWG
1
5
10
Permissible Overpressure
mWG
20
50
50
Temperature Range
Temperature range
ºC
-20 to +60
Output Signals and Supply Voltages
Output
Supply Voltage
Connection
Wire Colours
+ve Supply
Red
Level (2-wire)
4-20mA
9-32Vdc
-ve Supply
Blue
Ground
Green
& Cable Screen
+ve Supply
White
Temperature (2-wire) 4-20mA
9-32Vdc
-ve Supply
Yellow
Ground
Green
& Cable Screen


Similar Part No. - ILTS

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
ILTSU CYNERGY3-ILTSU Datasheet
60Kb / 2P
Submersible Dual Level and Temperature Transmitter
ILTSU-Gi048-003 CYNERGY3-ILTSU-Gi048-003 Datasheet
60Kb / 2P
Submersible Dual Level and Temperature Transmitter
ILTSU-Gi180-007 CYNERGY3-ILTSU-Gi180-007 Datasheet
60Kb / 2P
Submersible Dual Level and Temperature Transmitter
ILTSU-Gi360-015 CYNERGY3-ILTSU-Gi360-015 Datasheet
60Kb / 2P
Submersible Dual Level and Temperature Transmitter
More results

Similar Description - ILTS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
313L ETC2-313L Datasheet
92Kb / 2P
SUBMERSIBLE LEVEL TRANSMITTER
logo
Sensortechnics GmbH
KTEM2050G4C5S SENSORTECHNICS-KTEM2050G4C5S Datasheet
43Kb / 3P
OEM submersible level sensors
logo
Cynergy3 Co
SLP CYNERGY3-SLP Datasheet
338Kb / 1P
submersible level probe
ILLS CYNERGY3-ILLS Datasheet
88Kb / 2P
Submersible Tank Gauging Level Transmitter
ILLSU CYNERGY3-ILLSU Datasheet
91Kb / 2P
Submersible Tank Gauging Level Transmitter
ILS CYNERGY3-ILS Datasheet
56Kb / 2P
Submersible Level Transmitter
ILSU CYNERGY3-ILSU Datasheet
60Kb / 2P
Submersible Level Transmitter
ILTSU CYNERGY3-ILTSU Datasheet
60Kb / 2P
Submersible Dual Level and Temperature Transmitter
IWSL CYNERGY3-IWSL Datasheet
1Mb / 2P
Water approved Submersible Level Transmitter - Silicon Sensor
logo
STI Vibration Monitorin...
CMCP786T-IP STI-CMCP786T-IP Datasheet
534Kb / 2P
Dual Top Entry Accelerometer with Temperature Submersible
January 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com