Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4115 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC4115
Description  NPN Plastic Encapsulated Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC4115 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC4115_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SC4115
3A , 40V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
20-Mar-2012 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
3
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Small Flat Package
General Purpose Application
Low VCE(sat).VCE(sat) = 0.2V (Typ.)(IC / IB = 2A / 0.1A)
CLASSIFICATION OF hFE(1)
Product-Rank
2SC4115-Q
2SC4115-R
2SC4115-S
Range
120~270
180~390
270~560
Marking
4115Q
4115R
4115S
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
6
V
Collector Current-Continuous
IC
3
A
Collector Power Dissipation
PC
500
mW
Junction & Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Collector-Base Breakdown Voltage
V(BR)CBO
40
-
-
V
IC=50µA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
20
-
-
V
IC=1mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
6
-
-
V
IE=50µA, IC=0
Collector Cut-Off Current
ICBO
-
-
-
0.1
µ
A
VCB=30V, IE=0
Emitter Cut-Off Current
IEBO
-
-
0.1
µ
A
VEB=5V, IC=0
DC Current Gain
hFE
120
-
560
VCE=2V, IC=100mA
Collector-Emitter Saturation voltage
VCE(sat)
-
-
0.5
V
IC=2A, IB=100mA
Transition Frequency
fT
200
290
-
MHz VCE=2V,IC=500mA,f=100MHz
Package
MPQ
Leader Size
SOT-89
1K
7 inch
SOT-89
A
E
C
D
B
K
H
F
G
L
J
1
2
3
4
B C
E
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50
TYP
C
1.40
1.60
J
3.00
TYP
D
2.25
2.60
K
0.32
0.52
E
1.50
1.85
L
0.35
0.44
F
0.89
1.20


Similar Part No. - 2SC4115_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC4115 KEXIN-2SC4115_15 Datasheet
327Kb / 1P
NPN Transistors
More results

Similar Description - 2SC4115_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SC2668 SECOS-2SC2668 Datasheet
140Kb / 2P
NPN Plastic-Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com