Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29GL064ATB Datasheet(PDF) 39 Page - Eon Silicon Solution Inc.

Part # EN29GL064ATB
Description  64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29GL064ATB Datasheet(HTML) 39 Page - Eon Silicon Solution Inc.

Back Button EN29GL064ATB Datasheet HTML 35Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 36Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 37Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 38Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 39Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 40Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 41Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 42Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 43Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
39
EN29GL064AT/B
Rev. C, Issue Date: 2011/12/01
Table 15. DC Characteristics
(Ta = - 40°C to 85°C; VCC = 2.7-3.6V)
Notes:
1. BYTE# pin can also be GND ± 0.3V. BYTE# and RESET# pin input buffers are always enabled so that they draw power if not
at full CMOS supply voltages.
2. Maximum ICC specifications are tested with Vcc = Vcc max.
3. Not 100% tested.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ Vcc
±5
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ Vcc
±1
µA
5MHz
15
30
mA
ICC1
VCC Active Read Current
CE# = VIL; OE# = VIH ;
VCC = VCC max
10MHz
25
45
mA
CE# = VIL , OE# = VIH , VCC =
VCCmax, f = 10 MHz
1
10
ICC2
VCC Intra-Page Read
Current
CE# = VIL , OE# = VIH , VCC =
VCCmax, f = 33 MHz
5
15
mA
ICC3
VCC Active Erase/
Program Current
CE# = VIL , OE# = VIH , VCC = VCCmax
20
40
mA
ICC4
VCC Standby Current
CE#, RESET# = VCC ± 0.3 V,
OE# = VIH , VCC = VCC max
VIL = Vss + 0.3 V/-0.1V,
2.0
20
µA
ICC5
VCC Reset Current
RESET# = Vss ± 0.3V
2.0
20
µA
ICC6
Automatic Sleep Mode
VIH = Vcc ± 0.3V
VIL = Vss ± 0.3V
2.0
20
µA
WP#/ACC
pin
3
10
IACC
ACC Accelerated Program
Current
CE# = VIL, OE# = VIH,
VCC = VCCmax,
WP#/ACC = VHH
VCC pin
15
30
mA
VIL
Input Low Voltage
-0.5
0.3 x
VCC
V
VIH
Input High Voltage
0.7 x
VCC
VCC
+ 0.3
V
VHH
Acceleration Program
Voltage
8.5
9.5
V
VOL
Output Low Voltage
IOL = 100μA
0.15 x
VCC
V
VOH
Output High Voltage
CMOS
IOH = -100μA
0.85 x
VCC
V
VLKO
Supply voltage (Erase and
Program lock-out)
2.3
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com