Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3334 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP3334
Description  Adjustable Low Dropout Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3334 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP3334 Datasheet HTML 3Page - Analog Devices ADP3334 Datasheet HTML 4Page - Analog Devices ADP3334 Datasheet HTML 5Page - Analog Devices ADP3334 Datasheet HTML 6Page - Analog Devices ADP3334 Datasheet HTML 7Page - Analog Devices ADP3334 Datasheet HTML 8Page - Analog Devices ADP3334 Datasheet HTML 9Page - Analog Devices ADP3334 Datasheet HTML 10Page - Analog Devices ADP3334 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
REV.
ADP3334
–9–
3. The solder mask opening should be about 120 microns
(4.7 mils) larger than the pad size resulting in a minimum
60 micron (2.4 mils) clearance between the pad and the
solder mask.
4. The paste mask opening is typically designed to match the
pad size used on the peripheral pads of the LFCSP package.
This should provide a reliable solder joint as long as the
stencil thickness is about 0.125 mm.
The paste mask for the thermal pad needs to be designed for
the maximum coverage to effectively remove the heat from the
package. However, due to the presence of thermal vias and the
size of the thermal pad, eliminating voids may not be possible.
5. The recommended paste mask stencil thickness is 0.125 mm.
A laser cut stainless steel stencil with trapezoidal walls should
be used.
A “No Clean” Type 3 solder paste should be used for mount-
ing the LFCSP package. Also, a nitrogen purge during the
reflow process is recommended.
6. The package manufacturer recommends that the reflow
temperature should not exceed 220°C and the time above
liquidus is less than 75 seconds. The preheat ramp should be
3°C/second or lower. The actual temperature profile depends
on the board density and must determined by the assembly
house as to what works best.
Use the following general guidelines when designing printed
circuit boards.
1. Keep the output capacitor as close as possible to the out-
put and ground pins.
2. Keep the input capacitor as close as possible to the input
and ground pins.
3. PC board traces with larger cross sectional areas will remove
more heat from the ADP3334. For optimum heat transfer,
specify thick copper and use wide traces.
4. Use additional copper layers or planes to reduce the
thermal resistance. When connecting to other layers, use
multiple vias if possible.
Shutdown Mode
Applying a TTL high signal to the shutdown (SD) pin or the
input pin will turn the output off. Pulling SD down to 0.4 V or
below or tying it to ground will turn the output on. In shutdown
mode, quiescent current is reduced to much less than 1 µA.
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com