Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL54T8 Datasheet(PDF) 9 Page - Advanced Semiconductor Business Inc.

Part # ASL54T8
Description  High Gain, Low Noise Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL54T8 Datasheet(HTML) 9 Page - Advanced Semiconductor Business Inc.

Back Button ASL54T8 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 13Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9/13
ASB Inc.
 sales@asb.co.kr
June 2014
ASL54T8
4. Application: 1500 ~ 2500 MHz(Vsupply = +3.3 V)
4.1 Application Circuit & Evaluation Board
Bill of Material
Symbol
Value
Size
Description
Manufacturer
ASL54T8
-
-
MMIC Amplifier
ASB
C1, C2
100 pF
0603
DC blocking capacitor
Murata
C3
22 pF
0603
Decoupling capacitor
Murata
C4
1
F
0603
Decoupling capacitor
Murata
L1
6.8 nH
0603
RF choke inductor
Murata
L2
6.8 nH
0603
RF choke inductor
Murata
R1
4.7
0603
Bias resistor
Samsung
R2
3.3 k
0603
Current adjust resistor
Samsung
C1
C2
C4
L1
L2
R2
C3
R1
ASL54T8
RF IN
RF OUT
Vdevice = +5 V
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
25x25
EB No.
EB-TDFN8-1
Vdevice= +3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com