Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR381ARTZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADR381ARTZ-R2
Description  Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR381ARTZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADR381ARTZ-R2 Datasheet HTML 8Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 9Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 10Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 11Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 12Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 13Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 14Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 15Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADR380/ADR381
Rev. C | Page 14 of 16
OUTLINE DIMENSIONS
3.04
2.90
2.80
COMPLIANT TO JEDEC STANDARDS TO-236-AB
1
2
3
SEATING
PLANE
2.64
2.10
1.40
1.30
1.20
2.05
1.78
0.100
0.013
1.03
0.89
0.60
0.45
0.51
0.37
1.12
0.89
0.180
0.085
0.25
0.54
REF
GAUGE
PLANE
0.60 MAX
0.30 MIN
1.02
0.95
0.88
Figure 31. 3-Lead Small Outline Transistor Package [SOT-23-3]
(RT-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package
Option
Branding2
Output
Voltage
Ordering
Quantity
ADR380ARTZ-REEL7
−40°C to +85°C
3-Lead SOT-23
RT-3
R2D
2.048
3,000
ADR381ARTZ-R2
−40°C to +85°C
3-Lead SOT-23
RT-3
R3A
2.500
250
ADR381ARTZ-REEL7
−40°C to +85°C
3-Lead SOT-23
RT-3
R3A#
2.500
3,000
1 Z = RoHS Compliant Part, # denotes RoHS compliant product may be top or bottom marked.
2 Prior to Date Code 0542, the ADR380ARTZ-REEL7 parts were branded with R2A without the #.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com