Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWB688 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # AWB688
Description  DC ~ 1500 MHz Wideband MMIC Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB688 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  AWB688 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWB688 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWB688 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWB688 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWB688 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB688 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB688 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWB688 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB688 Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
January 2014
AWB688
DC ~ 1500 MHz Wideband MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +15 dBm/tone separat-
ed by 1 MHz.
0
100
200
300
400
500
600
700
800
900 1000 1100 1200
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
0
100
200
300
400
500
600
700
800
900 1000 1100 1200
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
0
100
200
300
400
500
600
700
800
900 1000 1100 1200
0
5
10
15
20
25
30
Frequency (MHz)
-40
oc
25
oc
85
oc
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
30
50
500
860
Magnitude S21 (dB)
22.2
22.5
22.8
22.5
Magnitude S11 (dB)
-12
-13
-20
-10
Magnitude S22 (dB)
-10
-11
-17
-10
Output P1dB (dBm)
27.0
29.0
30.5
30.0
Output IP31) (dBm)
47.0
47.5
45.5
45.0
Noise Figure (dB)
1.7
1.8
2.2
2.1
Device Voltage (V)
+10
+10
+10
+10
Current (mA)
300
300
300
300
Wide Band
30 ~ 860 MHz
+10 V
Vs=10 V
RF IN
RF OUT
C5=100 pF
AWB688
C6=10
F
C3=2.7 pF
R2=360
L1=1
H
(LQH31CN1R0M03)
C1=1
F
R1
=680
C4
=1
F
C2=1
F
L2=5.6 nH



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com