Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4092 Datasheet(PDF) 5 Page - NEC

Part # UPC4092
Description  J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC4092 Datasheet(HTML) 5 Page - NEC

  UPC4092 Datasheet HTML 1Page - NEC UPC4092 Datasheet HTML 2Page - NEC UPC4092 Datasheet HTML 3Page - NEC UPC4092 Datasheet HTML 4Page - NEC UPC4092 Datasheet HTML 5Page - NEC UPC4092 Datasheet HTML 6Page - NEC UPC4092 Datasheet HTML 7Page - NEC UPC4092 Datasheet HTML 8Page - NEC UPC4092 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
µµµµPC4092
VOLTAGE FOLLOWER PULSE RESPONSE 2
(V± =
±15 V, AV = +1)
(RL = 2 k
Ω, CL = 10000 pF)
t - Time - s
µ
0
−10
0
10
20
40
60
VOLTAGE FOLLOWER PULSE RESPONSE 1
(V± =
±15 V, AV = +1)
(RL = 2 k
Ω, CL = 100 pF)
t - Time - s
µ
0
−10
0
10
24
6
INPUT EQUIVALENT NOISE VOLTAGE DENSITY
f - Frequency - Hz
10
20
10
0
30
40
50
100
1k
10k
100k
SUPPLY CURRENT
V± - Supply Voltage - V
±5
2
0
1
3
4
5
6
7
±10
±15
±20
OUTPUT SINK CURRENT LIMIT
OUTPUT SOURCE CURRENT LIMIT
IO SINK - Output Sink Current - mA
IO SOURCE - Output Source Current - mA
−5
−10
−15
0
10
20
30
010
20
30
+5
+10
+15
V± =
±15 V
V± =
±15 V
V± =
±15 V
RS = 100
Ω
TA = 70
°C
25
°C
−20 °C
25
°C
−20 °C
TA = 70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com