Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4092C Datasheet(PDF) 3 Page - NEC

Part # UPC4092C
Description  J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC4092C Datasheet(HTML) 3 Page - NEC

  UPC4092C Datasheet HTML 1Page - NEC UPC4092C Datasheet HTML 2Page - NEC UPC4092C Datasheet HTML 3Page - NEC UPC4092C Datasheet HTML 4Page - NEC UPC4092C Datasheet HTML 5Page - NEC UPC4092C Datasheet HTML 6Page - NEC UPC4092C Datasheet HTML 7Page - NEC UPC4092C Datasheet HTML 8Page - NEC UPC4092C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
µµµµPC4092
ELECTRICAL CHARACTERISTICS (TA = 25 °C, V
±±±± = ±±±±15 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input Offset Voltage
VIO
RS
≤ 50 Ω±1
±3mV
Input Offset Current
Note 7
IIO
±25
±100
pA
Input Bias Current
Note 7
IB
50
200
pA
Large Signal Voltage Gain
AV
RL
≥ 2 kΩ , VO = ±10 V
25000
200000
Supply Current
ICC
IO = 0 A, Both Amplifiers
5
6.8
mA
Common Mode Rejection Ratio
CMR
70
100
dB
Supply Voltage Rejection Ratio
SVR
70
100
dB
RL
≥ 10 kΩ±12
+14.0
–13.3
V
Output Voltage Swing
Vom
RL
≥ 2 kΩ±10
+13.5
–12.8
V
Common Model Input Voltage Range
VICM
±11
+14
–12
V
Slew Rate
SR
AV = 1
15
V/
µs
Unity Gain Frequency
funity
4MHz
Input Equivalent Noise Voltage Density
en
RS = 100
Ω, f = 1 kHz
19
nV/
√Hz
Channel Separation
120
dB
Input Offset Voltage
VIO
RS
≤ 50 Ω, TA = –20 to +70 °C
±5mV
Average VIO Temperature Drift
∆VIO/∆TTA = –20 to +70 °C
±7
µV/°C
Input Offset Current
Note 7
IIO
TA = –20 to +70 °C
±2nA
Input Bias Current
Note 7
IB
TA = –20 to +70 °C
7
nA
Notes 7. Input bias currents flow into IC. Because each currents are gate leak current of P-channel J-FET on input
stage. And that are temperature sensitive. Short time measuring method is recommendable to maintain
the junction temperature close to the operating ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com