Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KX4N03W Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KX4N03W
Description  Dual N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KX4N03W Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KX4N03W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KX4N03W Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KX4N03W Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KX4N03W Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd KX4N03W Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd KX4N03W Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
Dual N-Channel MOSFET
KX4N03W
■
Electrical Characteristics Ta = 25℃
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0
0
1
V
uA
I
t
n
e
rr
u
C
e
g
a
k
a
e
L
e
t
a
G
GSS
VGS = ±20 V, VDS = 0 V
±10
uA
V
e
g
a
tl
o
V
ff
o
-t
u
C
e
t
a
G
GS(off)
VDS = 10 V, ID = 1 mA
1.5
2.5
V
Forward Transfer Admittance
| yfs |
VDS = 10 V, ID = 2.0 A
2.5
S
Drain to Source On-state Resistance
RDS(on)1
VGS = 10 V, ID = 2.0
m
7
6
A
Ω
RDS(on)2
VGS = 4.5 V, ID = 2.0
m
6
8
A
Ω
RDS(on)3
VGS = 4.0 V, ID = 2.0
mΩ
5
9
A
C
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
iss
VDS = 10
F
p
0
8
5
V
C
e
c
n
a
ti
c
a
p
a
C
t
u
p
t
u
O
oss
VGS = 0
F
p
0
0
1
V
Reverse Transfer Capacitance
Crss
f = 1
F
p
0
5
z
H
M
t
e
m
i
T
y
a
l
e
D
n
o
-
n
r
u
T
d(on)
VDD = 30 V, ID = 2.0
s
n
0
1
A
t
e
m
i
T
e
s
i
R
r
VGS = 10
s
n
9
V
t
e
m
i
T
y
a
l
e
D
ff
o
-
n
r
u
T
d(off)
RG = 6Ω
32
ns
t
e
m
i
T
ll
a
F
f
4
ns
Q
e
g
r
a
h
C
e
t
a
G
l
a
t
o
T
G
VDD = 48
C
n
2
1
V
Q
e
g
r
a
h
C
e
c
r
u
o
S
o
t
e
t
a
G
GS
VGS = 10
C
n
2
V
Q
e
g
r
a
h
C
n
i
a
r
D
o
t
e
t
a
G
GD
ID = 3.8
C
n
3
A
Body Diode Forward Voltage
VF(S-D)
IF = 3.8 A, VGS = 0
V
0
8
.
0
V
t
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
rr
IF = 3.8 A, VGS = 0
s
n
3
3
V
Reverse Recovery Charge
Qrr
di/dt = 100 A /u
C
n
8
5
s
TEST CIRCUIT 3 GATE CHARGE
VGS = 20
0 V
PG.
RG = 25
50
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
= 1 s
Duty Cycle 1%
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS(on)
VDS
ton
toff
td(on)
tr
td(off)
tf
10% 10%
V
60
ID=250μA, VGS=0V
VDSS
Drain-Source Breakdown Voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com