Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6436LIB Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6436LIB
Description  USB Dual Port Power Supply Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6436LIB Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6436LIB Datasheet HTML 1Page - Intersil Corporation ISL6436LIB Datasheet HTML 2Page - Intersil Corporation ISL6436LIB Datasheet HTML 3Page - Intersil Corporation ISL6436LIB Datasheet HTML 4Page - Intersil Corporation ISL6436LIB Datasheet HTML 5Page - Intersil Corporation ISL6436LIB Datasheet HTML 6Page - Intersil Corporation ISL6436LIB Datasheet HTML 7Page - Intersil Corporation ISL6436LIB Datasheet HTML 8Page - Intersil Corporation ISL6436LIB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Pin Descriptions
PIN NO.
DESIGNATOR
FUNCTION
DESCRIPTION
1
GND
IC Reference
2
VIN
Chip bias, Controlled
Supply Input,
Undervoltage lock-out
VIN provides chip bias voltage. At VIN < 2.5V chip functionality is disabled, FAULT latch
is cleared and floating and OUT is held low.
3, 4
ENABLE_1, 2 /
ENABLE_1,2
Channel Enable /
Enable Not Inputs
Enables / Disables switch.
5, 8
FAULT_2, 1
Channel 2, 1 Over
Current Fault Not
Indicator
Channel overcurrent fault indicator. FAULT floats and is disabled until VIN >2.5V. This
output is pulled low after the OC timeout period has expired and stays latched until
ENABLE is deasserted.
6, 7
OUT_2, 1
Channel 2,1 Controlled
Supply Output
Channel voltage output, connect to load to protect. Upon an OC condition IOUT is
current limited to 1A. Current limit response time is within 200
µS. This output will remain
in current limit for a nominal 12ms before being latched off.
ISL6436



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com