Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4094C Datasheet(PDF) 1 Page - NEC

Part # UPC4094C
Description  J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC4094C Datasheet(HTML) 1 Page - NEC

  UPC4094C Datasheet HTML 1Page - NEC UPC4094C Datasheet HTML 2Page - NEC UPC4094C Datasheet HTML 3Page - NEC UPC4094C Datasheet HTML 4Page - NEC UPC4094C Datasheet HTML 5Page - NEC UPC4094C Datasheet HTML 6Page - NEC UPC4094C Datasheet HTML 7Page - NEC UPC4094C Datasheet HTML 8Page - NEC UPC4094C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The information in this document is subject to change without notice.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC4094
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
Document No. G13907EJ1V0DS00 (1st edition)
Date Published December 1998 N CP(K)
Printed in Japan
DATA SHEET
©
1998
Dual operational amplifier
µPC4094 is a high-speed version of the µPC4092. NEC's unique high-speed PNP
transistor (fT = 300 MHz) in the output stage realizes a high slew rate of 25 V/
µs under voltage-follower conditions
without an oscillation problem. Zener-zap resistor trimming in the input stage produces excellent offset voltage and
temperature drift characteristics.
With AC performance characteristics that are two times better than conventional bi-FET operation amplifiers, the
µPC4094 is ideal for fast integrators, active filters, and other high-speed circuit applications.
FEATURES
Stable operation with 220 pF capacitive load
Low input offset voltage and offset voltage
±3 mV (MAX.)
±7
µV/°C (TYP.) temperature drift
Very low input bias and offset currents
Low noise : en = 19 nV/
√Hz (TYP.)
Output short circuit protection
High input impedance ... J-FET Input Stage
Internal frequency compensation
High slew rate: 25 V/
µs (TYP.)
ORDERING INFORMATION
Part Number
Package
µPC4094C
8-pin plastic DIP (300 mil)
µPC4094G2
8-pin plastic SOP (225 mil)
EQUIVALENT CIRCUIT (1/2 Circuit)
PIN CONFIGURATION
(Top View)
II
IN
Q1
Q2
Q4
Q5
Q8
D1
C1
Q10
V
+
V
OUT
Q9
Q7
Q6
Q3
TRIMMED
HIGH SPEED
PNP
PC4094C, 4094G2
1
1
2
3
4
8
7
6
5
V
+
OUT2
II2
IN2
+
II1
IN1
OUT1
V
2
+
µ


Similar Part No. - UPC4094C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC4094 RENESAS-UPC4094 Datasheet
284Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1998
UPC4094 RENESAS-UPC4094 Datasheet
562Kb / 8P
High Slew Rate, Low Offset Voltage J-FET Input Dual Operational Amplifier
Rev.1.00 Feb.25.25
UPC4094G2-AP RENESAS-UPC4094G2-AP Datasheet
562Kb / 8P
High Slew Rate, Low Offset Voltage J-FET Input Dual Operational Amplifier
Rev.1.00 Feb.25.25
More results

Similar Description - UPC4094C

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4082 NEC-UPC4082 Datasheet
279Kb / 10P
J-FET INPUT DUAL OPERATIONAL AMPLIFIER???????
UPC4091 NEC-UPC4091 Datasheet
87Kb / 12P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
UPC4092 NEC-UPC4092 Datasheet
87Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
UPC4093 NEC-UPC4093 Datasheet
90Kb / 12P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
UPC812 NEC-UPC812 Datasheet
401Kb / 10P
DUAL J-FET INPUT LOW-OFFSET OPRERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4082 RENESAS-PC4082_15 Datasheet
264Kb / 11P
J-FET INPUT DUAL OPERATIONAL AMPLIFIER
PC4092 RENESAS-PC4092_15 Datasheet
228Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
logo
NEC
UPC811 NEC-UPC811 Datasheet
391Kb / 10P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
NEC Corporation 1987
logo
Renesas Technology Corp
UPC811 RENESAS-UPC811 Datasheet
742Kb / 8P
High Stability, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
UPC812 RENESAS-UPC812 Datasheet
735Kb / 8P
High Stability, Low Offset Voltage J-FET Input Dual Operational Amplifier
2019.06.13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com