Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALN2045 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ALN2045
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN2045 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ALN2045_13 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN2045_13 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN2045_13 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN2045_13 Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4/4
www.asb.co.kr
September 2007
plerowTM ALN2045
Internally Matched LNA Module
1) The tantal capacitor is optional and for bypassing the AC noise introduced from the DC supply.
The capacitance value may be determined by customer
’s DC supply status.
2) So-called DC blocking capacitors are always necessarily placed at the input and output port
for allowing only the RF signal to pass and blocking the DC component in the signal. The DC
blocking capacitors are included inside the LNA module. Therefore, C1 & C2 capacitors may
not be necessary, but can be added just in case that the customer wants. The value of C1 &
C2 is determined by considering the application frequency.
Application Circuit
Recommended Soldering Reflow Process
Evaluation Board Layout
+
-
ALN
OUT
IN
C1
C2
Tantal
Capacitor
V DC
20~40 sec
260
C
200
C
150
C
60~180 sec
Ramp-up
(3˚C/sec)
Ramp-down
(6
C/sec)
Size 25 x 25mm
IN
OUT
+Vcc
(for ALN Series
– 13x13mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com