Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6522CBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6522CBZ
Description  Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6522CBZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6522CBZ Datasheet HTML 1Page - Intersil Corporation ISL6522CBZ Datasheet HTML 2Page - Intersil Corporation ISL6522CBZ Datasheet HTML 3Page - Intersil Corporation ISL6522CBZ Datasheet HTML 4Page - Intersil Corporation ISL6522CBZ Datasheet HTML 5Page - Intersil Corporation ISL6522CBZ Datasheet HTML 6Page - Intersil Corporation ISL6522CBZ Datasheet HTML 7Page - Intersil Corporation ISL6522CBZ Datasheet HTML 8Page - Intersil Corporation ISL6522CBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN9030.7
March 4, 2005
Typical Application
Block Diagram
Ordering Information
PART NUMBER
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6522CB
0 to 70
14 Ld SOIC
M14.15
ISL6522CBZ (Note)
0 to 70
14 Ld SOIC (Pb-free) M14.15
ISL6522CBZA
(Note)
0 to 70
14 Ld SOIC (Pb-free) M14.15
ISL6522IB
-40 to 85
14 Ld SOIC
M14.15
ISL6522IBZ (Note)
-40 to 85
14 Ld SOIC (Pb-free) M14.15
ISL6522CV
0 to 70
14 Ld TSSOP
M14.173
ISL6522CVZ
(Note)
0 to 70
14 Ld TSSOP
(Pb-free)
M14.173
ISL6522IV
-40 to 85
14 Ld TSSOP
M14.173
ISL6522IVZ (Note)
-40 to 85
14 Ld TSSOP
(Pb-free)
M14.173
ISL6522CR
0 to 70
16 Ld 5x5 QFN
L16.5x5B
ISL6522CRZ
(Note)
0 to 70
16 Ld 5x5 QFN
(Pb-free)
L16.5x5B
ISL6522IR
-40 to 85
16 Ld 5x5 QFN
L16.5x5B
ISL6522IRZ (Note)
-40 to 85
16 Ld 5x5 QFN
(Pb-free)
L16.5x5B
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020C.
Add “-T” for tape and reel.
Ordering Information (Continued)
PART NUMBER
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
12V
+VO
PGND
ISL6522
RT
FB
COMP
SS
GND
OSC
LGATE
UGATE
OCSET
PHASE
BOOT
EN
VCC
+5V OR +12V
PVCC +12V
MONITOR AND
PROTECTION
REF
+
-
+
-
OSCILLATOR
SOFT-
START
POWER-ON
RESET (POR)
INHIBIT
PWM
COMPARATOR
ERROR
AMP
VCC
SS
PWM
RT
GND
OCSET
FB
COMP
EN
0.8VREF
OVER
CURRENT
GATE
CONTROL
LOGIC
BOOT
UGATE
LGATE
PHASE
PGND
200
µA
PVCC
10
µA
4V
REFERENCE
+
-
+
-
+
-
ISL6522



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com