Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFS Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # DFS
Description  Dimensions in inches and
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

DFS Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  DFS Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DFS
*Dimensions in inches and (millimeters)
~
~
+
-
45°
.335(8.51)
.320(8.13)
.098(2.50)
.086(2.20)
.047(1.20)
.040(1.02)
.205(5.2)
.195(5.0)
.255(6.50)
.245(6.20)
.404(10.3)
.386(9.80)
.013(0.33)
.003(.076)
.060(1.53)
.040(1.02)
.013(0.33)
.0088(0.22)


Similar Part No. - DFS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DFS FORMOSA-DFS Datasheet
52Kb / 1P
Case No. DFS Device
logo
Vishay Siliconix
DFS VISHAY-DFS Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
logo
SYNERGY MICROWAVE CORPO...
DFS-1600 SYNERGY-DFS-1600 Datasheet
46Kb / 1P
POWER DIVIDERS 0쨘 : 6-WAY
DFS-902 SYNERGY-DFS-902 Datasheet
46Kb / 1P
POWER DIVIDERS 0쨘 : 6-WAY
DFS-903 SYNERGY-DFS-903 Datasheet
46Kb / 1P
POWER DIVIDERS 0쨘 : 6-WAY
More results

Similar Description - DFS

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
DO-41 YENYO-DO-41 Datasheet
351Kb / 1P
Dimensions in inches and
D-PAK YENYO-D-PAK Datasheet
472Kb / 1P
Dimensions in inches and
GBPC-8 YENYO-GBPC-8 Datasheet
338Kb / 1P
Dimensions in inches and
GBPC-W YENYO-GBPC-W Datasheet
345Kb / 1P
Dimensions in inches and
HITACHI YENYO-HITACHI Datasheet
350Kb / 1P
Dimensions in inches and
KBPC-6 YENYO-KBPC-6 Datasheet
332Kb / 1P
Dimensions in inches and
MP-15 YENYO-MP-15 Datasheet
346Kb / 1P
Dimensions in inches and
RS-5 YENYO-RS-5 Datasheet
431Kb / 1P
Dimensions in inches and
SMC YENYO-SMC Datasheet
340Kb / 1P
Dimensions in inches and
TO-3P YENYO-TO-3P Datasheet
534Kb / 1P
Dimensions in inches and
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com