Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS04 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAS04
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAS04 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BAS04 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAS04 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
Schottky Diodes
BAS40/-04/-05/-06
(KAS40/-04/-05/-06)
■
Typical Characterisitics
0
5
10
15
20
25
30
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
25
50
75
100
125
0.00
0.05
0.10
0.15
0.20
0.25
0
10
20
30
40
1E-3
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
REVERSE VOLTAGE V
R
(V)
Ta=25℃
f=1MHz
Capacitance Characteristics
AMBIENT TEMPERATURE T
a
( )
℃
Power Derating Curve
T
a=25
℃
T
a=100
℃
REVERSE VOLTAGE V
R
(V)
Reverse Characteristics
T
a=25
℃
T
a=100
℃
Forward Characteristics
FORWARD VOLTAGE V
F
(V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com