Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL81485 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL81485
Description  5V, 30Mbps, RS-485/RS-422 Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL81485 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL81485 Datasheet HTML 3Page - Intersil Corporation ISL81485 Datasheet HTML 4Page - Intersil Corporation ISL81485 Datasheet HTML 5Page - Intersil Corporation ISL81485 Datasheet HTML 6Page - Intersil Corporation ISL81485 Datasheet HTML 7Page - Intersil Corporation ISL81485 Datasheet HTML 8Page - Intersil Corporation ISL81485 Datasheet HTML 9Page - Intersil Corporation ISL81485 Datasheet HTML 10Page - Intersil Corporation ISL81485 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FIGURE 9. DRIVER OUTPUT CURRENT vs DIFFERENTIAL
OUTPUT VOLTAGE
FIGURE 10. DRIVER DIFFERENTIAL OUTPUT VOLTAGE vs
TEMPERATURE
FIGURE 11. DRIVER PROPAGATION DELAY vs
TEMPERATURE
FIGURE 12. DRIVER SKEW AND PULSE DISTORTION vs
TEMPERATURE
FIGURE 13. DRIVER AND RECEIVER WAVEFORMS,
LOW TO HIGH
FIGURE 14. DRIVER AND RECEIVER WAVEFORMS,
HIGH TO LOW
Typical Performance Curves VCC = 5V, TA = 25oC; Unless Otherwise Specified (Continued)
DIFFERENTIAL OUTPUT VOLTAGE (V)
0
12345
0
20
40
60
80
100
120
-40
0
50
85
TEMPERATURE (oC)
-25
25
75
2.8
3
3.2
3.4
3.6
3.8
4
RDIFF = 100Ω
RDIFF = 54Ω
-40
0
50
85
TEMPERATURE (oC)
-25
25
75
tPHLZ
tPLHZ
tPHLY
tPLHY
RDIFF = 54Ω
7
8
9
10
11
12
-40
0
50
85
TEMPERATURE (oC)
-25
25
75
RDIFF = 54Ω
0
0.5
1
1.5
2
2.5
3
|tPHLY - tPLHZ| or |tPLHY - tPHLZ|
|tPHL(Y or Z) - tPLH(Y or Z)| = PW Distortion
TIME (10ns/DIV)
RDIFF = 54Ω, CL = 15pF
0
5
0
5
DI
RO
B/Z
A/Y
0
1
2
3
4
5
TIME (10ns/DIV)
RDIFF = 54Ω, CL = 15pF
0
5
0
5
DI
RO
B/Z
A/Y
0
1
2
3
4
5
ISL81485



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com