Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16T Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS16T
Description  Plastic-Encapsulate Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS16T Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BAS16T_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS16T_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individua
01-Jun-2002 Rev. A
Page 2 of 2
BAS16T/BAW56T/BAV70T/BAV99T
Surface Mount Switching Diodes
Plastic-Encapsulate Diodes
Elektronische Bauelemente
http://www.SeCoSGmbH.com
Typical Characteristics
BAS16T/BAW56T/BAV70T/BAV99T
BAS16T Marking: A2
BAW56T Marking: JD
BAV70T Marking: JJ
BAV99T Marking: JE
Marking
050
100
150
200
300
200
250
100
150
50
0
Single diode loaded
Double diode loaded
0.1
1
10
100
1000
10000
0
20
40
60
80
100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig.3 Typical Reverse Characteristics
T = -40ºC
A
T = 25ºC
A
T = 75ºC
A
T = 125ºC
A
T = 150ºC
A
T = 0ºC
A
0.1
1
0.01
0.001
0
1.5
1.0
0.5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Forward Characteristics
T = -40ºC
A
T = 150ºC
A
T = 75ºC
A
T = 25ºC
A
T = 0ºC
A
0.0
0.2
0.4
0.6
0.8
1.8
1.6
1.4
1.2
1.0
2.0
0
10
20
40
30
V , REVERSE VOLTAGE (V)
R
Fig.4 Typical Capacitance vs. Reverse Voltage
f = 1.0MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com