Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV19P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAV19P
Description  Surface Mount Small Signal Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAV19P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAV19P_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAV19P_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BAV19P/BAV20P/BAV21P
Surface Mount Small Signal Switching Diode
26-May-2014 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Reverse Current.
Surface Mount Package Ideally Suited for Automatic Insertion.
Fast Switching Speed.
For General Purpose Switching Applications.
MARKING
BAV19P: A8
BAV20P: T2
BAV21P: T3
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Ratings
Parameter
Symbol
BAV19P
BAV20P
BAV21P
Unit
Non-Repetitive Peak Reverse Voltage
VRM
120
200
250
V
Peak Repetitive Peak Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
100
150
200
V
RMS Reverse Voltage
VR(RMS)
71
106
141
V
Average Rectified Output Current
IO
200
mA
Non-Repetitive Peak Forward Surge
Current
t=8.3ms
IFSM
1.7
A
Power Dissipation
PD
500
mW
Thermal Resistance Junction to Ambient Air
RθJA
250
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
-
-
1
IF=100mA
Forward Voltage
VF
-
-
1.25
V
IF=200mA
BAV19P
-
-
0.1
VR=100V
BAV20P
-
-
0.1
VR=150V
Reverse Leakage
Current
BAV21P
IR
-
-
0.1
uA
VR=200V
Total capacitance
Ctot
-
-
5
pF
VR=0, f=1MHz
Reverse Recovery Time
TRR
-
-
50
nS
IF=IR=30mA, IRR=0.1xIR,
RL=100Ω
Package
MPQ
Leader Size
SOD-123
3K
7 inch
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.94
1.35
F
1.40
1.80
B
0.10 REF.
G
2.54
2.85
C
1.00
1.30
H
3.55
3.86
D
0.30
0.78
J
0.50 REF.
E
0.08
0.25
SOD-123
Cathode Band
G
E
A
J
F
D
H
C
B
1
2


Similar Part No. - BAV19P_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAV19P SECOS-BAV19P Datasheet
335Kb / 2P
Surface Mount Switching Diode
More results

Similar Description - BAV19P_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAV19TC SECOS-BAV19TC Datasheet
79Kb / 1P
Surface Mount Small Signal Switching Diode
BAV100 SECOS-BAV100 Datasheet
167Kb / 2P
Surface Mount Small Signal Switching Diode
MMBD248 SECOS-MMBD248 Datasheet
315Kb / 2P
Surface Mount Small Signal Switching Diode
BAV16WS SECOS-BAV16WS Datasheet
261Kb / 2P
Surface Mount Small Signal Switching Diode
BAS16H SECOS-BAS16H_15 Datasheet
100Kb / 2P
Surface Mount Small Signal Switching Diode
BAS116W SECOS-BAS116W_15 Datasheet
125Kb / 2P
Surface Mount Small Signal Switching Diode
BAV19TC SECOS-BAV19TC_15 Datasheet
79Kb / 1P
Surface Mount Small Signal Switching Diode
BAV100 SECOS-BAV100_15 Datasheet
167Kb / 2P
Surface Mount Small Signal Switching Diode
MMBD248 SECOS-MMBD248_15 Datasheet
315Kb / 2P
Surface Mount Small Signal Switching Diode
BAS16WS SECOS-BAS16WS Datasheet
234Kb / 2P
Surface Mount Small Signal Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com