Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV19TC Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAV19TC
Description  Surface Mount Small Signal Switching Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAV19TC Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAV19TC_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BAV19TC/BAV20TC/BAV21TC
Surface Mount Small Signal Switching Diode
Elektronische Bauelemente
22-Jul-2010 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
DO-35 Package (JEDEC)
Through-Hole Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All external surfaces are corrosion resistant and leads
are readily solderable
RoHS Compliant
Solder hot dip Tin (Sn) lead finish
Cathode indicated by polarity band
ELECTRICAL SYMBOL
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)
Parameter
Symbol
Ratings
Unit
Maximum Repetitive Reverse Voltage
VRRM
250
V
Average Rectified Forward Current
IF(AV)
200
mA
Non-repetitive Peak
Forward Current
PW = 1.0s
IFSM
1.0
A
PW = 1.0μs
4.0
Power Dissipation
PD
500
mW
Thermal Resistance Junction to Ambient
RθJA
300
°C / W
Operating Junction, Storage Temperature
TJ, TSTG
175, -65 ~ +200
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Max.
Unit
Test Conditions
Breakdown Voltage
BAV19TC
BV
120
-
V
IR=100μA
BAV20TC
200
-
BAV21TC
250
-
Reverse Leakage Current
BAV19TC
IR
-
100
nA
VR = 100V
BAV20TC
-
100
VR = 150V
BAV21TC
-
100
VR = 200V
Forward Voltage
VF
-
1.0
V
IF= 100mA
-
1.25
IF= 200mA
Reverse Recovery Time
TRR
-
50
nS
IF = IR = 30 mA,
IRR=3mA, RL=100
Capacitance
C
-
5.0
pF
VR = 0V, f=1MHz
DO-35
A
C
B
A
D
REF.
Millimeter
Min.
Max.
A
25.4
38.1
B
3.05
5.08
C
1.53
2.28
D
0.46
0.55


Similar Part No. - BAV19TC_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAV19TC SECOS-BAV19TC Datasheet
79Kb / 1P
Surface Mount Small Signal Switching Diode
More results

Similar Description - BAV19TC_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAV19TC SECOS-BAV19TC Datasheet
79Kb / 1P
Surface Mount Small Signal Switching Diode
BAV100 SECOS-BAV100 Datasheet
167Kb / 2P
Surface Mount Small Signal Switching Diode
MMBD248 SECOS-MMBD248 Datasheet
315Kb / 2P
Surface Mount Small Signal Switching Diode
BAV16WS SECOS-BAV16WS Datasheet
261Kb / 2P
Surface Mount Small Signal Switching Diode
BAS16H SECOS-BAS16H_15 Datasheet
100Kb / 2P
Surface Mount Small Signal Switching Diode
BAS116W SECOS-BAS116W_15 Datasheet
125Kb / 2P
Surface Mount Small Signal Switching Diode
BAV19P SECOS-BAV19P_15 Datasheet
261Kb / 2P
Surface Mount Small Signal Switching Diode
BAV100 SECOS-BAV100_15 Datasheet
167Kb / 2P
Surface Mount Small Signal Switching Diode
MMBD248 SECOS-MMBD248_15 Datasheet
315Kb / 2P
Surface Mount Small Signal Switching Diode
BAS16WS SECOS-BAS16WS Datasheet
234Kb / 2P
Surface Mount Small Signal Switching Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com