Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8485IP Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL8485IP
Description  5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8485IP Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL8485IP Datasheet HTML 3Page - Intersil Corporation ISL8485IP Datasheet HTML 4Page - Intersil Corporation ISL8485IP Datasheet HTML 5Page - Intersil Corporation ISL8485IP Datasheet HTML 6Page - Intersil Corporation ISL8485IP Datasheet HTML 7Page - Intersil Corporation ISL8485IP Datasheet HTML 8Page - Intersil Corporation ISL8485IP Datasheet HTML 9Page - Intersil Corporation ISL8485IP Datasheet HTML 10Page - Intersil Corporation ISL8485IP Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Receiver Disable from Output Low
tLZ
CL = 15pF, SW = VCC, Figure 5
Full
-
10
50
ns
Maximum Data Rate
fMAX
Full
250
-
-
kbps
Time to Shutdown (ISL8483 only)
tSHDN
Note 7
Full
50
200
600
ns
Driver Enable from Shutdown to
Output High (ISL8483 only)
tZH(SHDN) CL = 100pF, SW = GND, Figure 3, Notes 7, 8
Full
-
-
2000
ns
Driver Enable from Shutdown to
Output Low (ISL8483 only)
tZL(SHDN) CL = 100pF, SW = VCC, Figure 3, Notes 7, 8
Full
-
-
2000
ns
Receiver Enable from Shutdown to
Output High (ISL8483 only)
tZH(SHDN) CL = 15pF, SW = GND, Figure 5, Notes 7, 9
Full
-
-
2500
ns
Receiver Enable from Shutdown to
Output Low (ISL8483 only)
tZL(SHDN) CL = 15pF, SW = VCC, Figure 5, Notes 7, 9
Full
-
-
2500
ns
NOTES:
2. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless
otherwise specified.
3. Supply current specification is valid for loaded drivers when DE = 0V.
4. Applies to peak current. See “Typical Performance Curves” for more information.
5. When testing the ISL8483, keep RE = 0 to prevent the device from entering SHDN.
6. When testing the ISL8483, the RE signal high time must be short enough (typically <200ns) to prevent the device from entering SHDN.
7. The ISL8483 is put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 50ns, the parts are guaranteed not
to enter shutdown. If the inputs are in this state for at least 600ns, the parts are guaranteed to have entered shutdown. See “Low-Power
Shutdown Mode” section.
8. Keep RE = VCC, and set the DE signal low time >600ns to ensure that the device enters SHDN.
9. Set the RE signal high time >600ns to ensure that the device enters SHDN.
10. Devices meeting these limits are denoted as “single unit load (1 UL)” transceivers. The RS-485 standard allows up to 32 Unit Loads on the bus.
Test Circuits and Waveforms
FIGURE 1. DRIVER VOD AND VOC
Electrical Specifications
Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified.
Typicals are at VCC = 5V, TA = 25
oC, Note 2 (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(oC)
MIN
TYP
MAX
UNITS
D
DE
DI
VCC
VOD
VOC
R
R
Z
Y
ISL8483, ISL8485, ISL8488, ISL8489, ISL8490, ISL8491



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com