Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4742 Datasheet(PDF) 1 Page - NEC

Part # UPC4742
Description  SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC4742 Datasheet(HTML) 1 Page - NEC

  UPC4742 Datasheet HTML 1Page - NEC UPC4742 Datasheet HTML 2Page - NEC UPC4742 Datasheet HTML 3Page - NEC UPC4742 Datasheet HTML 4Page - NEC UPC4742 Datasheet HTML 5Page - NEC UPC4742 Datasheet HTML 6Page - NEC UPC4742 Datasheet HTML 7Page - NEC UPC4742 Datasheet HTML 8Page - NEC UPC4742 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©
1998
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC4742
SINGLE SUPPLY VOLTAGE, HIGH SPEED,
WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
The
µPC4742 is dual high speed, wide band operational amplifier designed for single supply operation from
+3 V to +32 V with low supply current drain. By using high speed PNP transistors for input and output circuits,
the excellent AC performance is achieved without degrading capacitive load drive capability.
With no crossover distortion and wide output voltage range characteristics, the
µPC4742 is optimum choice for
single supply AC amplifier, and active filters.
FEATURES
•
High slew rate: 7 V/
µs TYP. (V+ = +5 V, V– = GND)
•
Wide gain band width product: 3.5 MHz TYP. (V+ = +5 V, V– = GND)
•
Wide supply voltage range: +3 V to +32 V
•
Wide output voltage swing
•
Common mode input voltage range includes V–
•
Internal frequency compensation
•
Output short circuit protection
Document No. G13958EJ1V0DS00 (1st edition)
Date Published December 1998 N CP(K)
Printed in Japan
EQUIVALENT CIRCUIT (1/2 Circuit)
PIN CONFIGURATION
(Top View)
ORDERING INFORMATION
Part Number
Package
µPC4742C
8-pin plastic DIP (300 mil)
µPC4742G2
8-pin plastic SOP (225 mil)
The information in this document is subject to change without notice.
Q7
Q8
Q9
Q10
Q11
Q12
Q18
Q19
Q20
Q17
Q16
Q15
Q13
Q14
Q6
Q5
Q2
Q3
Q4
Q1
OUT
V–
IN
II
V+
1
2
3
4
8
7
6
5
V+
OUT2
II2
IN2
OUT1
II1
IN1
V–
–
+
–
+
2
1
µPC4742C, 4742G2


Similar Part No. - UPC4742

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC4742 RENESAS-UPC4742 Datasheet
230Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1988
UPC4742 RENESAS-UPC4742 Datasheet
557Kb / 10P
Single Power Supply, High Speed, Wide Band, Dual Operational Amplifiers
Rev.2.00 Feb.14.25
UPC4742C RENESAS-UPC4742C Datasheet
230Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1988
UPC4742G2 RENESAS-UPC4742G2 Datasheet
230Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1988
UPC4742G2-AP RENESAS-UPC4742G2-AP Datasheet
557Kb / 10P
Single Power Supply, High Speed, Wide Band, Dual Operational Amplifiers
Rev.2.00 Feb.14.25
More results

Similar Description - UPC4742

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4744 NEC-UPC4744 Datasheet
86Kb / 12P
SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLC072A TI-TLC072A Datasheet
1Mb / 51P
FAMILY OF WIDE BAND WIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
NEC
UPC844 NEC-UPC844 Datasheet
454Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT, SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
UPC842 NEC-UPC842 Datasheet
456Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT (SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS)
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
NEC
UPC842GR-9LG NEC-UPC842GR-9LG Datasheet
203Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
UPC844GR-9LG NEC-UPC844GR-9LG Datasheet
204Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
logo
Renesas Technology Corp
UPC4742MF-DAA RENESAS-UPC4742MF-DAA Datasheet
322Kb / 10P
Single Power Supply, High Speed, Wide Band, Dual Operational Amplifier
Jul 25, 2012
UPC842A RENESAS-UPC842A Datasheet
638Kb / 9P
Single Power Supply, High Speed, Wide Band, Dual Bipolar Operational Amplifier
2018.12.19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com