Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84544IP Datasheet(PDF) 16 Page - Intersil Corporation

Part # ISL84544IP
Description  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84544IP Datasheet(HTML) 16 Page - Intersil Corporation

Back Button ISL84544IP Datasheet HTML 8Page - Intersil Corporation ISL84544IP Datasheet HTML 9Page - Intersil Corporation ISL84544IP Datasheet HTML 10Page - Intersil Corporation ISL84544IP Datasheet HTML 11Page - Intersil Corporation ISL84544IP Datasheet HTML 12Page - Intersil Corporation ISL84544IP Datasheet HTML 13Page - Intersil Corporation ISL84544IP Datasheet HTML 14Page - Intersil Corporation ISL84544IP Datasheet HTML 15Page - Intersil Corporation ISL84544IP Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
ISL84541, ISL84542, ISL84543, ISL84544
Small Outline Transistor Plastic Packages (SOT23-8)
NOTES:
1. Dimensioning and tolerances per ANSI 14.5M-1982.
2. Package patterned after EIAJ SC-74 (1992).
3. Dimensions D and E1 are exclusive of mold flash, protrusions, or
gate burrs.
4. Footlength L measured at reference to seating plane.
5. “L” is the length of flat foot surface for soldering to substrate.
6. “N” is the number of terminal positions.
7. Controlling dimension: MILLIMETER. Converted inch dimen-
sions are for reference only.
D
e1
E
E1
L
C
L
C
α
C
L
e
b
C
L
A2
A
A1
C
L
0.20 (0.008) M
0.10 (0.004) C
C
-C-
SEATING
PLANE
12
3
4
5
6
87
P8.064
8 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.036
0.057
0.90
1.45
-
A1
0.000
0.0059
0.00
0.15
-
A2
0.036
0.051
0.90
1.30
-
b
0.011
0.018
0.28
0.45
-
C
0.0036
0.0078
0.09
0.20
-
D
0.111
0.118
2.80
3.00
3
E
0.103
0.118
2.60
3.00
-
E1
0.060
0.068
1.50
1.75
3
e
0.0256 Ref
0.65 Ref
-
e1
0.0768 Ref
1.95 Ref
-
L
0.012
0.020
0.30
0.50
4, 5
N8
8
6
α
0o
10o
0o
10o
-
Rev. 1 10/01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com