Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4744 Datasheet(PDF) 3 Page - NEC

Part # UPC4744
Description  SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC4744 Datasheet(HTML) 3 Page - NEC

  UPC4744 Datasheet HTML 1Page - NEC UPC4744 Datasheet HTML 2Page - NEC UPC4744 Datasheet HTML 3Page - NEC UPC4744 Datasheet HTML 4Page - NEC UPC4744 Datasheet HTML 5Page - NEC UPC4744 Datasheet HTML 6Page - NEC UPC4744 Datasheet HTML 7Page - NEC UPC4744 Datasheet HTML 8Page - NEC UPC4744 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
µPC4744
3
ELECTRICAL CHARACTERISTICS (TA = 25
°C, V± = ±15 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input Offset Voltage
VIO
±1.0
±6.0
mV
Input Offset Current
IIO
±6
±75
nA
Input Bias CurrentNote 7
IB
140
500
nA
Large Signal Voltage Gain
AV
RL
≥ 2 kΩ, VO = ±10 V
25000
300000
Supply Current
ICC
IO = 0 A, All Amplifiers
7.5
11
mA
Common Mode Rejection Ratio
CMR
70
86
dB
Supply Voltage Rejection Ratio
SVR
70
93
dB
Output Voltage Swing
Vom
RL
≥ 10 kΩ±13.7
+14
V
–14.3
Output Voltage Swing
Vom
RL
≥ 2 kΩ±13.5
V
Common Mode lnput Voltage Range
VICM
V–
V+–1.8
V
Slew Rate (Rise)
SR
AV = 1, RL
≥ 2 kΩ
8.5
V
/µs
Gain Band Width Product
GBW
fO = 100 kHz
3.5
MHz
Channel Separation
f = 20 Hz to 20 kHz
120
dB
ELECTRICAL CHARACTERISTICS (TA = 25
°C, V+ = 5 V, V– = GND)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input Offset Voltage
VIO
±1.0
±5mV
Input Offset Current
IIO
±6
±75
nA
Input Bias CurrentNote 7
IB
160
500
nA
Large Signal Voltage Gain
AV
RL
≥ 2 kΩ
25000
300000
Supply Current
ICC
IO = 0 A, All Amplifiers
6.0
9.0
mA
Common Mode Rejection Ratio
CMR
70
80
dB
Supply Voltage Rejection Ratio
SVR
70
95
dB
Output Voltage Swing
Vom
RL
≥ 2 kΩ (Connect to GND)
3.7
4.0
V
00
Common Mode lnput Voltage Range
VICM
0V+–1.8
V
Output Current (SOURCE)
IO SOURCE
V+IN = +1 V, V–IN = 0 V
10
30
mA
Output Current (SINK)
IO SINK
V+IN = 0 V, V–IN = +1 V
10
30
mA
Slew Rate (Rise)
SR
AV = 1, RL
≥ 2 kΩ
8.5
V
/µs
Notes 7. Input bias currents flow out from IC. Because each currents are base current of PNP-transistor on input
stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com