Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS29-3 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAS29-3
Description  Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAS29-3 Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  BAS29-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAS29-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BAS29-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd BAS29-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Type
www.kexin.com.cn
4
Diodes
.
Switching Diodes
BAS29/BAS31/BAS35 (KAS29/KAS31/KAS35)
■
Typical Characterisitics
Fig.7 Reverse recovery voltage test circuit and waveforms.
(1) IR = 3 mA.
handbook, full pagewidth
t rr
(1)
I F
t
output signal
tr
t
t p
10%
90%
VR
input signal
V = V
I x R
R
F
S
R = 50
S
Ω
IF
D.U.T.
R = 50
i
Ω
SAMPLING
OSCILLOSCOPE
MGA881



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com