| Electronic Components Datasheet Search |
|
UPC667CT Datasheet(PDF) 10 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPC667CT Datasheet(HTML) 10 Page - NEC |
|
10 / 12 page ![]() µPC667 10 PACKAGE DRAWING 30PIN PLASTIC SHRINK DIP (400 mil) ITEM MILLIMETERS INCHES NOTES 1) Each lead centerline is located within 0.17 mm (0.007 inch) of its true position (T.P.) at maximum material condition. N 0.17 0.007 A 28.46 MAX. 1.121 MAX. B 1.78 MAX. 0.070 MAX. F 0.85 MIN. 0.033 MIN. G 3.2±0.3 0.126±0.012 J 5.08 MAX. 0.200 MAX. K 10.16 (T.P.) 0.400 (T.P.) C 1.778 (T.P.) 0.070 (T.P.) D 0.50±0.10 0.020+0.004 –0.005 H 0.51 MIN. 0.020 MIN. I 4.31 MAX. 0.170 MAX. L 8.6 0.339 M 0.25 0.010+0.004 –0.003 +0.10 –0.05 M R M I H G F DN C B K S30C-70-400B-1 R 0~15 ° 0~15 ° 2) ltem "K" to center of leads when formed parallel. 115 30 16 A L J |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |