Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV601LC Datasheet(PDF) 17 Page - Analog Devices

Part # ADV601LC
Description  Ultralow Cost Video Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601LC Datasheet(HTML) 17 Page - Analog Devices

Back Button ADV601LC Datasheet HTML 13Page - Analog Devices ADV601LC Datasheet HTML 14Page - Analog Devices ADV601LC Datasheet HTML 15Page - Analog Devices ADV601LC Datasheet HTML 16Page - Analog Devices ADV601LC Datasheet HTML 17Page - Analog Devices ADV601LC Datasheet HTML 18Page - Analog Devices ADV601LC Datasheet HTML 19Page - Analog Devices ADV601LC Datasheet HTML 20Page - Analog Devices ADV601LC Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
ADV601LC
–17–
REV. 0
DRAM Interface Pins
Name
Pins
I/O
Description
DDAT[15:0]
16
I/O
DRAM Data Bus. The ADV601LC uses these pins for 16-bit data read/write
operations to the external 256K
× 16-bit DRAM. (The operation of the DRAM
interface is fully automatic and controlled by internal functionality of the
ADV601LC.) These pins are compatible with 30 pF loads.
DADR[8:0]
9
O
DRAM Address Bus. The ADV601LC uses these pins to form the multiplexed
row/column address lines to the external DRAM. (The operation of the DRAM
interface is fully automatic and controlled by internal functionality of the
ADV601LC.) These pins are compatible with 30 pF loads.
RAS
1
O
DRAM Row Address Strobe. This pin is compatible with 30 pF loads.
CAS
1
O
DRAM Column Address Strobe. This pin is compatible with 30 pF loads.
WE
1
O
DRAM Write Enable. This pin is compatible with 30 pF loads.
Note that the ADV601LC does not have a DRAM OE pin. Tie the DRAM’s
OE pin to ground.
Host Interface Pins
Name
Pins
I/O
Description
DATA[31:0]
32
I/O
Host Data Bus. These pins make up a 32-bit wide host data bus. The host
controls this asynchronous bus with the WR, RD, BE, and CS pins to commu-
nicate with the ADV601LC. These pins are compatible with 30 pF loads.
ADR[1:0]
2
I
Host DWord Address Bus. These two address pins let you address the
ADV601LC’s four directly addressable host interface registers. For an illustra-
tion of how this addressing works, see the Control and Write Register Map
figure and Status and Read Register Map figure. The ADR bits permit register
addressing as follows:
ADR1
ADR0
DWord
Address Byte Address
0
0
0
0x00
0
1
1
0x04
1
0
2
0x08
1
1
3
0x0C
BE0–BE3
2
I
Host Word Enable pins. These two input pins select the words that the
ADV601LC’s direct and indirect registers access through the Host Interface;
BE0–BE1 access the least significant word, and BE2–BE3 access the most
significant word. For a 32-bit interface only, tie these pins to ground, making
all words available.
Some important notes for 16-bit interfaces are as follows:
•
When using these byte enable pins, the byte order is always the lowest byte
•
to the higher bytes.
•
The ADV601LC advances to the next 32-bit compressed data FIFO location
•
after the BE2–BE3 pin is asserted then de-asserted (when accessing the Com-
•
pressed Data register); so the FIFO location only advances when and if the
•
host reads or writes the MSW of a FIFO location.
•
The ADV601LC advances to the next 16-bit indirect register after the BE0–BE1
•
pin is asserted then de-asserted; so the register selection only advances when
•
and if the host reads or writes the MSW of a 16-bit indirect register.
CS
1
I
Host Chip Select. This pin operates as follows:
•
LO Qualifies Host Interface control signals
•
HI Three-states DATA[31:0] pins
WR
1
I
Host Write. Host register writes occur on the rising edge of this signal.
RD
1
I
Host Read. Host register reads occur on the low true level of this signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com