Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFD8P05 Datasheet(PDF) 1 Page - Intersil Corporation

Part # RFD8P05
Description  8A, 50V, 0.300 Ohm, P-Channel Power MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD8P05 Datasheet(HTML) 1 Page - Intersil Corporation

  RFD8P05 Datasheet HTML 1Page - Intersil Corporation RFD8P05 Datasheet HTML 2Page - Intersil Corporation RFD8P05 Datasheet HTML 3Page - Intersil Corporation RFD8P05 Datasheet HTML 4Page - Intersil Corporation RFD8P05 Datasheet HTML 5Page - Intersil Corporation RFD8P05 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4-112
File Number
2384.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999.
RFD8P05, RFD8P05SM, RFP8P05
8A, 50V, 0.300 Ohm, P-Channel Power
MOSFETs
These products are P-Channel power MOSFETs
manufactured using the MegaFET process. This process,
which uses feature sizes approaching those of LSI circuits,
gives optimum utilization of silicon, resulting in outstanding
performance. They were designed for use in applications
such as switching regulators, switching converters, motor
drivers, and relay drivers. These transistors can be operated
directly from integrated circuits.
Formerly developmental type TA09832.
Features
• 8A, 50V
•rDS(ON) = 0.300Ω
• UIS SOA Rating Curve
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
Ordering Information
PART NUMBER
PACKAGE
BRAND
RFD8P05
TO-251AA
D8P05
RFD8P05SM
TO-252AA
D8P05
RFP8P05
TO-220AB
RFP8P05
NOTE: When ordering, use the entire part number. Add the suffix 9A
to obtain the TO-252AA variant in tape and reel, i.e.,
RFD8P05SM9A.
D
G
S
JEDEC TO-220AB
JEDEC TO-251AA
JEDEC TO-252AA
GATE
DRAIN (FLANGE)
SOURCE
DRAIN
SOURCE
DRAIN (FLANGE)
GATE
DRAIN
GATE
SOURCE
DRAIN (FLANGE)
Data Sheet
July 1999


Similar Part No. - RFD8P05

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RFD8P05 VBSEMI-RFD8P05 Datasheet
938Kb / 7P
P-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
RFD8P05 ISC-RFD8P05 Datasheet
287Kb / 2P
isc P-Channel MOSFET Transistor
logo
BYCHIP ELECTRONICS CO.,...
RFD8P05SM BYCHIP-RFD8P05SM Datasheet
913Kb / 4P
P-channel Enhancement Mode Power MOSFET
v1.0
logo
Inchange Semiconductor ...
RFD8P05SM ISC-RFD8P05SM Datasheet
276Kb / 2P
isc P-Channel MOSFET Transistor
More results

Similar Description - RFD8P05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRM9140D INTERSIL-FRM9140D Datasheet
47Kb / 6P
11A, -100V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9250D INTERSIL-FRM9250D Datasheet
50Kb / 6P
16A, -200V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
IRF9530 INTERSIL-IRF9530 Datasheet
63Kb / 7P
12A, 100V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
RFD15P05 INTERSIL-RFD15P05 Datasheet
87Kb / 8P
15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs
July 1999
RFD8P06E INTERSIL-RFD8P06E Datasheet
87Kb / 8P
8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
RFD8P06LE INTERSIL-RFD8P06LE Datasheet
102Kb / 8P
8A, 60V, 0.300 Ohm, ESD Rated, Logic Level, P-Channel Power MOSFET
July 1999
RFG30P05 INTERSIL-RFG30P05 Datasheet
70Kb / 8P
30A, 50V, 0.065 Ohm, P-Channel Power MOSFETs
July 1999
RFP12P08 INTERSIL-RFP12P08 Datasheet
37Kb / 5P
12A, 80V and 100V, 0.300 Ohm, P-Channel Power MOSFETs
June 1999
logo
Harris Corporation
RFP8P08 HARRIS-RFP8P08 Datasheet
279Kb / 5P
-8A, -80V AND -100V, 0.400 Ohm, P-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
RFD8P06E FAIRCHILD-RFD8P06E_02 Datasheet
128Kb / 8P
8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com